PART |
Description |
Maker |
STP80N20M5 STB80N20M5 |
N-channel 200 V, 0.019 Ohm typ., 61 A MDmesh(TM) V Power MOSFET in D2PAK Package 65 A, 200 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 200 V, 0.019 ohm, 61 A, TO-220, D2PAK
|
ST Microelectronics STMICROELECTRONICS
|
SUM110N08-05 70511 |
N-Channel 75-V (D-S) 200C MOSFET N-Channel 75-V (D-S) 200∑C MOSFET N-Channel 75-V (D-S) 200隆?C MOSFET N-Channel 75-V (D-S) 200°C MOSFET
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
MSAFZ33N20A MSAEZ33N20A MSAEZ30N20A MSAFZ30N20A |
LJT 39C 37#20 2#16 SKT PLUG 33 A, 200 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:11-35 RoHS Compliant: No N-CHANNEL ENHANCEMENT MODE POWER MOSFET N Channel MOSFET
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SFF80N20MDBS SFF80N20MDBTXV SFF80N20ZDBS SFF80N20Z |
Avalanche Rated N-channel MOSFET 55 A, 200 V, 0.03 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA HERMETIC SEALED, TO-258, 3 PIN
|
Solid States Devices, Inc http:// Solid State Devices, Inc.
|
NTE2931 |
12.8 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics
|
SFF9240M |
-11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET 11 A, 200 V, 0.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-254
|
Solid State Devices, Inc.
|
AP18N20GH-HF AP18N20GJ-HF AP18N20GH-HF-14 AP18N20G |
18 A, 200 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 18 A, 200 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 N-CHANNEL ENHANCEMENT MODE POWER MOSFET Simple Drive Requirement
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp. Advanced Power Electronics ...
|
FQD12N20LTM FQD12N20LTMF085 FQD12N20LTF085 |
9 A, 200 V, 0.32 ohm, N-CHANNEL, Si, POWER, MOSFET 200V Logic Level N-Channel MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FQPF10N20C FQPF10N20CNL |
200V N-Channel Advance Q-FET C-Series 200V N-Channel MOSFET 9.5 A, 200 V, 0.36 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
SUM110N04-02L |
N-Channel 40-V (D-S) 200C MOSFET N-Channel 40-V (D-S) 200 Degree Celcious MOSFET
|
VISAY[Vishay Siliconix]
|
|