PART |
Description |
Maker |
ADP3339AKCZ-5-R7 ADP3339AKC-3.3-RL ADP3339AKCZ-1.5 |
High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
|
Analog Devices
|
CY2077 CY2077FSI CY2077SI CY2077ZC CY2077ZI CY2077 |
High-accuracy EPROM Programmable Single-PLL Clock Generator(高精度EPROM,可编程单PLL时钟发生 High-accuracy PLL with 12-bit multiplier and 10-bit divider
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ADP3336 ADP3336ARM-REEL7 |
Small, Adjustable Output, 500 mA anyCAP® Low Dropout Regulator High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator Two, Three and Four Cell Lithium or Lithium-Polymer Battery Protection AFE 30-TSSOP -40 to 110
|
AD[Analog Devices] Analog Devices, Inc.
|
AD741 AD741LH AD741H |
Low Cost/ High Accuracy IC Op Amps ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Low Cost, High Accuracy IC Op Amps OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc.
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
EVAL-AD5764EBZ AD5764ASUZ AD5764ASUZ-REEL7 |
Complete Quad, 16-Bit, High Accuracy Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
|
Analog Devices
|
AD8597ACPZ-R2 AD8597ACPZ-REEL AD8597ACPZ-REEL7 AD8 |
Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
|
Analog Devices
|
ADM560 ADM560JR ADM560JRS ADM561 ADM561JR ADM561JR |
Ultralow Power/ 3.3 V/ RS-232 Notebook PC Serial Port Drivers/Receivers Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers Ultralow Power, Active Low Shutdown and Active High Receiver Enable Ultralow Power, Active High Shutdown and an Active Low Receiver Enable
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD797 AD797AN AD797AR AD797AR-REEL AD797AR-REEL7 A |
Ultralow Distortion, Ultralow Noise Op Amp
|
AD[Analog Devices]
|
MIC2033-05BYM6 |
High-Accuracy, High-Side, Fixed Current Limit Power Switch
|
Micrel Semiconductor
|