PART |
Description |
Maker |
2SD2537 |
Medium Power Transistor (25V 1.2A)
|
ROHM[Rohm]
|
FCX789A-15 |
25V PNP MEDIUM POWER TRANSISTOR IN SOT89
|
Diodes Incorporated
|
2SD1055 2SD1766 D1758 2SD1758 2SD1919 2SD1862 A580 |
Medium Power Transistor (32V, 2A) 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR Medium Power Transistor 32V/ 2A Medium Power Transistor 32V, 2A Medium Power Transistor 32V 2A From old datasheet system
|
ROHM[Rohm] Rohm CO.,LTD.
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
CSB772P CSB772R CSB772 CSB772E CSB772Q |
10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSD882 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSD882E 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD882R 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD882Q 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSD882P Audio Frequency Power Amplifier and Low Speed Switching
|
CDIL[Continental Device India Limited]
|
STX817 |
PNP MEDIUM POWER TRANSISTOR NPN MEDIUM POWER TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FMMTL618 FMMTL618TA FMMTL618-15 |
NPN Low Sat Transistor SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1250 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
2SD612K 2SD612 2SB632 2SB632K |
PNP Epitaxial Planar Silicon Transistor for 25V/35V, 2A Low-Frequency Power Amplifier Applications(用于25V/35VA低频功率放大器应用的PNP硅外延平面型晶体 PNP/NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistor 25V/35V, 2A Low-Frequency Power Amplifier Applications NPN Epitaxial Planar Silicon Transistor 25V/35V, 2A Low-Frequency Power Amplifier Applications
|
Sanyo Electric Co.,Ltd.
|
2N2222A |
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR 800 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AA HIGH SPEED MEDIUM POWER / NPN SWITCHING TRANSISTOR
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
SG2824J_DESC SG28XXL_883B JAN2801J JAN2802J JAN280 |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS Driver - Medium Current Array; Package: LCC; 0.6 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: DIP; 0.6 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: DIP; 0.5 A, 95 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: LCC; 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR
|
Microsemi, Corp. http:// Microsemi Corporation
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
|