PART |
Description |
Maker |
70AAJ-6-M0G 70AAJ-5-M0 70AAJ-2-M0G 70AAJ-3-M0G |
Modular Contacts 2.54mm 6Pin Male Standard Pins PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Battery Holder; Leaded Process Compatible:Yes RoHS Compliant: Yes Modular Contacts 2.54mm 3Pin Male Standard Pins
|
Bourns, Inc. BOURNS INC
|
C73-016-020-AGGAA CAM-C73 C74-016-020-AGGAA |
Detach Connectors PCB CONNECTOR, SOCKET Detach Connectors PCB CONNECTOR, PLUG
|
MITSUMI ELECTRIC CO., LTD.
|
07-01-7101 07-01-7102 |
Connector; No. of Contacts:10; Pitch Spacing:0.175"; No. of Rows:1; Mounting Type:PCB; Gender:Female RoHS Compliant: Yes 10 CONTACT(S), FEMALE, POWER CONNECTOR Commoning Connector Poly 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR
|
Molex, Inc.
|
0719731030 71973-1030 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, with Flange, 60 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0719733508 71973-3508 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, without Flange, 16 Circuits, Lead free MOLEX Connector
|
http:// Molex Electronics Ltd.
|
0719733513 71973-3513 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, without Flange, 26 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
0901522118 90152-2118 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 18 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522108 90152-2108 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 8 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522126 90152-2126 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 26 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522204 90152-2204 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38μm (15μ) Gold (Au) Selective, 4 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|