PART |
Description |
Maker |
S29GL032A100BFIR10 S29GL032A100TFIR10 S29GL032A100 |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 64兆,32兆和16兆位3.0伏只页面模式闪存,含00纳米MirrorBit工艺技
|
Spansion Inc. Spansion, Inc.
|
AM75DL9608HGT70IT AM75DL9608HGT75IS AM75DL9608HGT7 |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 64兆位个M x 16位)2兆位米16位).0伏的CMOS只,同时作业闪存,和 64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Xilinx, Inc. Spansion, Inc.
|
S29GL032N90TFI040 S29GL032N90TFI042 S29GL032N90TFI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
SPANSION
|
ACT-F1288N ACT-F1288N-150P7T ACT-F1288N-150P7Q ACT |
High speed 1 Megabit monolithic FLASH. Speed 150ns. High speed 1 Megabit monolithic FLASH. Speed 90ns. High speed 1 Megabit monolithic FLASH. Speed 70ns. ACT-F128K8 High Speed 1 Megabit Monolithic FLASH High speed 1 Megabit monolithic FLASH. Speed 60ns. High speed 1 Megabit monolithic FLASH. Speed 120ns.
|
AEROFLEX[Aeroflex Circuit Technology]
|
S29GL01GP S29GL-P12 S29GL01GP11TFIR20 S29GL256P90T |
1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology MirrorBit? Flash Family MirrorBit? Flash Family
|
SPANSION
|
AM50DL9608GT75IS AM50DL9608GT70IS AM50DL9608GT70IT |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Spansion, Inc.
|
S29CD016G0JFAA002 S29CD016G0JFAA012 S29CD016G0JFAA |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION[SPANSION]
|
EN71NS032A0 EN71NS032A0-9DCWP EN71NS032A0-7DCWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71PL032A0-70CWP EN71PL032A01 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71GL064B0 EN71GL064B0-70CWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 64 Megabit (4M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
AM27X010 AM27X010-120JC AM27X010-120JI AM27X010-12 |
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 250 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 90 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 55 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 120 ns, PDIP32 CABLE TIE BARB TY 120LB 18.1,1
|
PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices] ADVANCED MICRO DEVICES INC
|
ACT-PS512K8W-012L2I ACT-PS512K8Y-017L2T ACT-PS512K |
High speed 4 Megabit plastic monolithic SRAM. Options burn-in. Speed 12ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 17ns. High speed 4 Megabit plastic monolithic SRAM. Options none. Speed 10ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle. Speed 15ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 25ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 20ns.
|
Aeroflex Circuit Technology
|