PART |
Description |
Maker |
RA0128NAF011 |
AREA SELF-SCANNED PHOTODIODE ARRAY 区自扫描光电二极管阵
|
Air Cost Control
|
RL0256SCQ111 RL0512SCQ011 |
LINEAR SELF-SCANNED PHOTODIODE ARRAY 线性自扫描光电二极管阵
|
Fairchild Semiconductor, Corp.
|
AXUV100AL |
PHOTODIODE 100 mm Square active area
|
OptoDiode Corp
|
S9295 |
Large area photodiode integrated with op amp and TE-cooler
|
Hamamatsu Photonics
|
SD197-70-74-591 |
Cooled Large Area Blue Silicon Avalanche Photodiode
|
Advanced Photonix, Inc.
|
S3590-08 S3590-09 |
Si PIN photodiode Large area sensors for scintillation detection
|
Hamamatsu Corporation
|
SD630-70-74-500 |
Non-Cooled Large Area Blue Silicon Avalanche Photodiode
|
Advanced Photonix, Inc.
|
S3204-05 S3204-08 S3204-09 S3584-09 S3204-06 S3584 |
Si PIN photodiode Large area sensors for scintillation detection 硅PIN光电二极管的大面积闪烁探测传感器
|
Hamamatsu Photonics K.K.
|
G7151-16 G7150 G7150-16 |
InGaAs PIN photodiode array Active area: 0.45x1mm; spectral response range:0.9-1.7um; reverse voltage:5V; InGaAs PIN photodiode array: 16-element array. For near infrared (NIR) spectrophotometer
|
HAMAMATSU[Hamamatsu Corporation]
|
C9732DK-11 |
For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 ? 120 mm For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 × 120 mm
|
Hamamatsu Corporation
|
PNZ331CL |
PIN Photodiode FIBER OPTIC PHOTODIODE DETECTOR, THROUGH HOLE MOUNT, TO-18
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|