PART |
Description |
Maker |
NUC120VE3AN |
NuMicro Family NUC100 Series Technical Reference Manual
|
Nuvotem Talema
|
H8/3690 |
(H8/3690 Series) 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
|
Renesas Technology
|
H8_3690 H8_3693 H8_3694F H8_3691 H8_3694 HD64F3694 |
(HD64xxxx Series) 16-BIT MICROCONTROLLER 16-BIT SINGLE-CHIP MICROCOMPUTER H8 FAMILY/H8/300H TINY SERIES
|
RENESAS[Renesas Electronics Corporation]
|
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
VI-261-EU-F2 VI-262-CU-F2 VI-260-CU VI-260-CV VI-2 |
DC-DC Converters 50 to 200 Watts The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching component-level DC-DC converters. Remote sense and current limit The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?/a> component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?component-level DC-DC converters.
|
Vicor Corporation
|
TMP47C422U TMP47C422N TMP47C222U |
4-Bit Microcontroller TLCS-47 Family: 47E Series
|
Toshiba
|
ICE40HX640-CB225 HX8K ICE40HX8K-CB225 ICE40HX8K-CM |
iCE40 HX-Series Ultra Low-Power mobileFPGA Family
|
Lattice Semiconductor
|
LT1460EIS8-10 LT1460EIS8-2.5 LT1460EIS8-5 LT1460FC |
Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PBCY3 LEAD FREE, PLASTIC, TO-226, TO-92, 3 PIN 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PBCY3 LEAD FREE, PLASTIC, TO-226, TO-92, 3 PIN Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PBCY3 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PBCY3 PLASTIC, TO-226, TO-92, 3 PIN Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PBCY3 Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PBCY3 Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PBCY3 Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Micropower Precision Series Reference Family; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO3 Micropower Precision Series Reference Family; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO3 Micropower Precision Series Reference Family; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO3 Micropower Precision Series Reference Family; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Series Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO8 Micropower Precision Series Reference Family; Package: SOT; No of Pins: 3; Temperature Range: -40° to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
M37470E4-XXXSP M37470E8-XXXSP M37478M8-XXXFP M3747 |
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
|
Renesas Electronics Corporation
|
H8/3068F-ZTAT |
Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
|
http://
|
|