PART |
Description |
Maker |
NCP803SN293T3G NCP803SN293T3 |
Very Low Supply Current 3-Pin Microprocessor Reset Monitor 2.93V Very Low Supply Current 3-Pin Microprocessor Reset Low Monitor with Open Drain N-Channel output; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
ON Semiconductor
|
MAX809SN160T1 MAX810TTR MAX810LTR MAX809JTR MAX810 |
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
|
ONSEMI[ON Semiconductor]
|
MAX3058 MAX3059ASA MAX3058ASA MAX3059ASAT |
5V, 1Mbps, Low Supply Current CAN Transceivers MAX3058 5V, 1Mbps, Low Supply Current CAN Transceivers DATACOM, INTERFACE CIRCUIT, PDSO8 5V. 1Mbps. Low Supply Current CAN Transceivers
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TC1300 TC1300VUA TC1300R-3.3VUA TC1300R-3.3VUATR T |
The TC1300 combines a Low Dropout Regulator and a Microprocessor Reset Monitor in a space-saving 8-Pin MSOP package. Total supply current is 80A (typical), 20 to 60 times lower than in bipolar regulators. The TC1300 has an extremely preci The TC1300 combines a Low Dropout Regulator and a Microprocessor Reset Monitor in a space-saving 8-Pin MSOP package. Total supply ... 300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
|
MICROCHIP[Microchip Technology]
|
NVTFS5820NLTWG NVTFS5820NLTAG NCP4682DSQ12T1G |
60 V, 11.5 m, Single N?Channel, 8FL Power MOSFET 150 mA, Ultra Low Supply Current, Low Dropout Regulator 150 mA, Ultra Low Supply Current, Low Dropout Regulator
|
ON Semiconductor
|
MAX821-MAX822 MAX822LUS-T MAX822MUS-T MAX822RUS-T |
4-Pin レP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes 4-PIN ヌP VOLTAGE MONITORS WITH PIN-SELECTABLE POWER-ON RESET TIMEOUT DELAY 4-Pin P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin ?? Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay Microprocessor Voltage Monitors with Programmable Voltage Detection
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CA3420 |
Op Amp, BiMOS, Low Supply Voltage, Low Input Current, 0.5MHz, V to 0V Supply Voltage
|
Intersil
|
MAX4173TESA MAX4173HESA MAX4173FESA MAX4173FEUTT M |
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA Supply Current
|
Maxim Integrated Products
|
5962-9159402MZX 5962-9159403MYX 5962-9159402MTX |
±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver ±80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications x8的SRAM 3.3V, 1Mbps, Low-Supply-Current CAN Transceiver x8的SRAM
|
Silicon Laboratories, Inc.
|
MAX15006 MAX15006A MAX15006AASA MAX15006AATT MAX15 |
40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
|
http:// MAXIM[Maxim Integrated Products]
|
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
TC56 TC562502ECT TC563002ECT TC563302ECT |
The TC56 is a low supply current (11 µA typ at VOUT =3V), low dropout CMOS linear regulator, with a 10V maximum input voltage range. CMOS construction eliminates wasted ground current typical of bipolar regulators for greater system e 150mA, 10V LDO with Shutdown
|
MICROCHIP[Microchip Technology]
|