PART |
Description |
Maker |
LTC1861 LTC1860 LTC1861CS8 LTC1861CMS LTC1861IMS L |
5V, 2-Ch 12-bit, 250ksps, Serial Interface, MSOP 5V, 12-bit, 250ksps Differential Input ADC, MSOP, Serial Interface mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
MAX1061 MAX1063 MAX1061AEEI |
250ksps. 3V. 8-/4-Channel. 10-Bit ADCs with 2.5V Reference and Parallel Interface 250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Maxim Integrated Products, Inc.
|
LTC1860 LTC1861 |
µPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
5962-8950101XX |
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface MIL-STD-1553/ARINC总线控制 RTU通讯
|
TE Connectivity, Ltd.
|
AD7581 AD7581AQ AD7581BQ AD7581CQ AD7581JN AD7581K |
12-Bit 50 kSPS ADC I2C Low Power 8-Channel MUX Int 2.5V Ref 16-TSSOP -40 to 85 5.25V-2.7V, 8 bit, 250KSPS, Synchronous Serial ADC 8-SON -40 to 85 CMOS uP-COMPATIBLE 8-BIT/ 8-CHANNEL DAS CMOS uP-COMPATIBLE 8-BIT, 8-CHANNEL DAS CMOS uP-COMPATIBLE 8-BIT 8-CHANNEL DAS
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX1093ACEG MAX1093AEEG MAX1093AEEGT MAX1093AEEG-T |
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Maxim Integrated Products, Inc.
|
ZADCS1022VIS14T ZADCS1042VIS16T ZADCS1082VIS20T ZA |
10-Bit, 250ksps, ADC Family
|
List of Unclassifed Manufacturers
|
LTC1606 |
16-Bit, 250ksps,Single Supply ADC
|
Linear Technology
|
LTC2360 LTC2360CS6-TRMPBF LTC2360CS6-TRPBF LTC2360 |
100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
|
Linear Technology
|
ADS8519IBDBRG4 ADS8519IBDBG4 ADS8519-14 |
<font color=red>[Old version datasheet]</font> 16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
|
TI store
|
LTC2362HTS8TRMPBF LTC2362IS6TRMPBF LTC2360IS6TRPBF |
500ksps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40° to 125°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 500ksps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 100ksps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 100ksps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 100ksps, 12-Bit Serial ADCs in TSOT-23 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 250ksps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40° to 125°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 250ksps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 250ksps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 100ksps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40° to 125°C 100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
|