PART |
Description |
Maker |
BZX84C2V4ET1D BZX84CXXXET1 BZX84CXXXET1G BZX84CXXX |
Zener Voltage Regulators 225 mW SOT−23 Surface Mount 225 W e-Rated Zener 36 V SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000
|
ON Semiconductor
|
AD5061BRJZ-1REEL7 AD5061YRJZ-1REEL7 |
3 V/5 V, 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial
|
ANALOG DEVICES INC
|
ADM6316CY29ARJ-RL7 ADM6318CY29ARJZ-R7 ADM6320CY29A |
Supervisory Circuit with Watchdog and Manual Reset in 5-Lead SOT-23; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5
|
Analog Devices, Inc.
|
IRU1205-18CL IRU1205-XX IRU1205 IRU1205CL IRU1205- |
CAP, ELYTC 1000MF 10V 20% 300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS 300mA的超低差型阳性可调和固定调节 0.3A Fixed LDO Linear Regulator in a SOT-23 5-Leads package 0.3A Adj LDO Linear Regulator in a SOT-23 5-Leads package
|
International Rectifier, Corp. IRF[International Rectifier]
|
AM26LS31IN AM26LS31ID AM26LS31ID-T AM26LS31/BFA AM |
Micropower Inverting DC/DC Converters in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C Line Driver 线路驱动
|
ON Semiconductor
|
AT49BV002AT AT49BV002A AT49BV002AN AT49BV002ANT AT |
LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
LTC1517-3.3 LTC1517CS5-3.3TR LTC1517ES5-3.3 LTC151 |
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO5 Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Integrated Syste... Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PM574 PM566 PM568 PM556 |
Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: DFN; No of Pins: 8; Temperature Range: 0°C Precision Dual Supply Monitor with Pin-Selectable Thresholds; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C Analog IC Precision Quad Supply Monitor in 6-Lead SOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C
|
|
LTC6905CS5TRM |
17MHz to 170MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C PLL FREQUENCY SYNTHESIZER, PDSO5
|
Linear Technology, Corp.
|
LTC4210-1CS6 LTC4210-2IS6 LTC4210-2CS6 LTC4210-2CS |
Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Microprocessor Crystal; Frequency:32.768MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes
|
Linear Technology, Corp. Linear Technology Corporation
|
TC1240AI/CHTR TC1240I/CHTR TC1240ECHTR TC1240 |
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package(159kHz开关频带关断DC-DC) Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package 积极加倍电荷泵与关机采用SOT - 23封装
|
Microchip Technology Inc. Microchip Technology, Inc.
|
MMBZ5221BT MMBZ5223BT MMBZ5225BT MMBZ5226BT MMBZ52 |
150mW SURFACE MOUNT ZENER DIODE 3-32V Quad Operational Amplifier, Ta= -25 to 85°C; Package: TSSOP-14; No of Pins: 14; Container: Tube; Qty per Container: 96 Small Signal Bias Resistor Transistor SOT-723 NPN 50V; Package: SOT-723 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 8000 surface mount silicon Zener diodes
|
DIODES[Diodes Incorporated] Diodes Inc.
|