PART |
Description |
Maker |
RTN7700 |
SiGe Automotive Radar VCO for 77GHz
|
Infineon Technologies AG
|
PH1214-25S |
1200-1400 MHz,25 W, 1 ms pulse,radar pulsed power transistor Radar Pulsed Power Transistor, 25W, lus Pulse, 10% Duty 1.2-1.4 GHz
|
MA-Com M/A-COM / Tyco Electronics
|
PHI214-20EL PH1214-20EL |
Radar Pulsed Power Transistor, 2OW, 2ms Pulse, 10% Duty 1.2 - 1.4 GHz 1200-1400 MHz,20 W, 2 ms pulse,radar pulsed power transistor
|
Tyco Electronics MA-Com
|
PHI214-30EL PH1214-30EL |
Radar Pulsed Power Transistor, 30W, 1.0ms Pulse, 10% Duty 1.2 - 1.4 GHz High Speed Comparator; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Radar Pulsed Power Transistor, 3OW, 1 .Oms Pulse, 10% Duty . 1.2 - 1.4 GHz Radar Pulsed Power Transistor/ 3OW/ 1 .Oms Pulse/ 10% Duty . 1.2 - 1.4 GHz
|
Tyco Electronics
|
PH1214-0.85L PHI214-0851 |
Filament Replacement LED Lamp; Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating:6.3V; Bulb Size:T-6; Forward Current:30mA; Forward Voltage:6.3V; LED Color:Blue; Lens Color:Clear RoHS Compliant: No Radar Pulsed Power Transistor0.85W Radar Pulsed Power Transistor/ 0.85W/ 2ms Pulse/ 20% Duty 1.2 - 1.4 GHz Radar Pulsed Power Transistor, 0.85W, 2ms Pulse, 20% Duty 1.2 - 1.4 GHz
|
Tyco Electronics
|
AM82731-012 2767 |
S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS From old datasheet system RF & Microwave Transistors S-Band Radar Applications(用于S波段雷达脉冲输出和驱动的RF和微波晶体管)
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
AM82731-006 2884 |
From old datasheet system RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
PH1214-25L PHI214-25L |
Radar Pulsed Power Transistor, 25W, 300us Pulse, 10% Duty 1.2 - 1.4 GHz Radar Pulsed Power Transistor, 25W, 300ms Pulse, 10% Duty 1.2 - 1.4 GHz TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 1.6A I(C) | FO-41BVAR
|
Tyco Electronics
|
AM83135-010 2710 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061, CSA Type AWM; Conductor Material:Copper RoHS Compliant: Yes From old datasheet system RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
AM83135-005 2897 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061, CSA Type AWM; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes From old datasheet system RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
1214-300V |
300 Watts - 50 Volts, 330渭s, 10% Radar 1200 - 1400 MHz 300 Watts - 50 Volts, 330μs, 10% Radar 1200 - 1400 MHz
|
Microsemi Corporation
|