PART |
Description |
Maker |
ST-REL7-KG230 |
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 230 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
|
PHOENIX CONTACT
|
DEK-REL-24 |
Relay terminal block, with soldered-in miniature relays, contact (AgNi Au): small to medium loads, 1 N/O contact, input voltage 24 V AC/ DC, for assembly on NS 35/7.5, terminal width 6.2 mm
|
PHOENIX CONTACT
|
HP4-AC115V HP4-AC220V HP4-DC110V HP4-L-AC115V HP4- |
HP-relay. 10 Amp power relay. 4 form C. Coil voltage 115 V AC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 4 form C. Coil voltage 220 V AC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 4 form C. Coil voltage 110 V DC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 4 form C, neon lamp. Coil voltage 115 V AC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 4 form C, neon lamp. Coil voltage 220 V AC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 4 form C, neon lamp. Coil voltage 240 V AC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 2 form C. Coil voltage 110 V DC. Top mounting type. HP-relay. 10 Amp power relay. 2 form C. Coil voltage 220 V AC. Top mounting type. HP-relay. 10 Amp power relay. 2 form C. Coil voltage 240 V AC. Top mounting type.
|
Matsushita Electric Works(Nais)
|
SI-3240F SI-3120F SI-3150F SI-3090F SI-3050F SI-30 |
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type 24 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 RELAYS; 10A 12-PIN DPDT 2 NO W/ CLIP 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 Plug-In Relay; Contacts:6PST-4NO/2NC; Coil Voltage DC Max:24V; Contact Carry Current:10A; Coil Resistance:540ohm; Relay Options:Polycarbonage Covers; Relay Mounting:Plug-In; Leaded Process Compatible:No; Mounting Type:Plug In 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type 5-Terminal Multi-Function Full-Mold Low Dropout Voltage Dropper Type
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
G3DZ-F4B G6D-F4B |
Easy-to-use, Space-saving Terminal Relay with Four-point Output
|
OMRON[Omron Electronics LLC]
|
PLC-RSC-120UC_21-21 2967086 PLC-RSC-120UC/21-21 |
PLC relay, consisting of base terminal block PLCBSC
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
2966016 |
6.2 mm PLC basic terminal blocks with screw connection method, input voltage 24 V DC(without relay or optocoupler)
|
PHOENIX CONTACT
|
FTR-K1TAK018T FTR-K1TJK018T FTR-K1TAK024T FTR-K1TJ |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.008A (COIL), 48VDC (COIL), 430mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 28VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 18VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.033A (COIL), 12VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.009A (COIL), 48VDC (COIL), 430mW (COIL), 12A (CONTACT), 300VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER RELAY 1 POLE - 17A Tab Terminal
|
FUJITSU COMPONENT LTD Fujitsu Component Limited.
|
AQV221 AQV221A AQV221AZ AQV225A AQV225AZ AQV225AX |
PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.
|
Matsushita Electric Works(Nais)
|
AQV224N AQV224NA AQV224NAX AQV225N AQV225NAX AQV22 |
PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 400 V, load current 50 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 400 V, load current 50 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 400 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style. Picked from the 1/2/3-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 80 V, load current 150 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 80 V, load current 150 mA. Surface-mount terminal. Tape and reel packing style. Picked from the 1/2/3-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 80 V, load current 150 mA. Surface-mount terminal. Tape and reel packing style. Picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 80 V, load current 150 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 400 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style. Picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. Low On resistance. AC/DC type. Output rating: load voltage 200 V, load current 70 mA. Surface-mount terminal. Tube packing style.
|
Matsushita Electric Works(Nais)
|
RIF-4-RPT-LV-120AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
FDJ1028N |
Plug-In Relay; Contacts:DPDT; Contact Carry Current:12A; Coil Voltage AC Max:12V; Relay Mounting:Plug-In; Relay Terminals:8-Pin Octal; Relay Options:Hermetically Sealed; Coil Resistance:72ohm; Contact Carrying Power:1.2W RoHS Compliant: Yes N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
|