PART |
Description |
Maker |
EP2S5F1508I5ES EP2S5F1508I4ES EP2S5F1508I3ES EP2S5 |
Section I. Stratix II Device Family Data Sheet The Stratix II family offers the following features Section I. Stratix II Device Family Data Sheet
|
Altera Corporation
|
EPM570 |
MAX II Device Family
|
Altera
|
EPM3064XXX |
MAX 3000A Programmable Logic Device Family
|
Altera Corporation
|
EP1SGX10FF1020C6ES EP1SGX10FF1020C6N EP1SGX10FF102 |
Section I. Stratix GX Device Family Data Sheet Section I. Stratix GX Device Family Data Sheet
|
Altera Corporation
|
EP20K100EQ EP20K100QC EP20K100EQC240-2 |
Apex 20KE Device Family (1.8V, LVDS Apex 20K Device Family (2.5V)
|
ALTERA
|
HI-8685PST-10 HI-8685PJI HI-8685PJI-10 HI-8685PJT- |
System component for interfacing incoming ARINC 429 signals to 16-bit parallel data ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA 1 CHANNEL(S), SERIAL COMM CONTROLLER, PQCC28 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN ARINC 429 & 561 SerialDatato16-BitParallelData ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
|
Holt Integrated Circuit... HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuits, Inc. http://
|
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742 |
IC MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic IC family:Programmable; Logic IC Base Number:30; Logic IC function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; Logic IC family:CPLD (EPLD); Logic IC Base Number:7256; Logic IC function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic IC family:Programmable; Logic IC Base Number:10; Logic IC function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; IC Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7192; Logic IC function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7160; Logic IC function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes IC ACEX 1K FPGA 50K 256-FBGA 通信集成电路 IC ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
Carlo Gavazzi
|
RS56L-PCI RS56LSP-PCI |
Host-Processed V.90/K56flex垄芒 Modem Device Family for Mobile Applications Host-Processed V.90/K56flex?/a> Modem Device Family for Mobile Applications Host-Processed V.90/K56flex Modem Device Family for Mobile Applications
|
ETC List of Unclassifed Manufacturers
|
11LC080-ECS16K 11LC080-EMNY 11LC080-EMS 11LC080-EP |
1K-16K UNI/O Serial EEPROM Family Data Sheet 1K-16K UNI/O? Serial EEPROM Family Data Sheet 1K-16K UNI/O庐 Serial EEPROM Family Data Sheet 1K-16K UNI/O垄莽 Serial EEPROM Family Data Sheet
|
Microchip Technology Inc.
|
T10B120B |
T10B series Sibod, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 110V,max. Ir = 50uA @ Vr = 120V,max, Bulk (500pcs).
|
Littelfuse
|
422B 422E |
Max voltage:24V; 200mA; data processing data line protector. For data processing equipment, long line transmission systems, control processing computers, building managenent systems
|
Protek Devices
|
TSM600-250 |
The SY87702L is a complete Clock Recovery and Data
retiming integrated circuit for data rates from 28Mbps up to
2.5Gbps NRZ. PolySwitch PTC Devices Overcurrent Protection Device
|
MACOM Tyco Electronics
|