Part Number Hot Search : 
IDT72V PN29387 PJ2PJS LH28F320 SC2446 12022 HT113SA SC244308
Product Description
Full Text Search

CGJ2B2C0G1H070D050BA - CGJ Series High Reliability Grade General (Up to 50V)    CGJ Series High Reliability Grade General (Up to 50V)

CGJ2B2C0G1H070D050BA_6577515.PDF Datasheet

 
Part No. CGJ2B2C0G1H070D050BA CGJ3E2C0G1H070D080AA CGJ2B2C0G1H080D050BA CGJ3E2C0G1H080D080AA CGJ2B2C0G1H060D050BA CGJ3E2C0G1H060D080AA CGJ4C2C0G1H271J060AA CGJ2B2C0G1H271J050BA CGJ3E2C0G1H271J080AA CGJ4J2X7R1C104K125AA CGJ3E2C0G1H121J080AA CGJ3E2C0G1H181J080AA CGJ3E2C0G1H151J080AA CGJ3E2C0G1H101J080AA CGJ3E2C0G1H221J080AA CGJ3E2C0G1H331J080AA CGJ4C2C0G1H821J060AA CGJ2B2C0G1H821J050BA CGJ3E2C0G1H3R3C080AA CGJ2B2C0G1H120J050BA CGJ2B2C0G1H220J050BA CGJ2B2C0G1H820J050BA C1608C0G1E103J CGJ2B2C0G1H6R8D050BA CGJ3E2C0G1H152J080AA CGJ2B2C0G1H030C050BA C1608C0G1E103J080AA CGJ2B2C0G1H090D050BA CGJ2B2C0G1H100D050BA CGJ5C2C0G1H103J060AA CGJ4C2C0G1H103J060AA
Description CGJ Series High Reliability Grade General (Up to 50V)
   
File Size 1,187.03K  /  11 Page  

Maker


TDK Electronics



Homepage http://www.tdk.com/
Download [ ]
[ CGJ2B2C0G1H070D050BA CGJ3E2C0G1H070D080AA CGJ2B2C0G1H080D050BA CGJ3E2C0G1H080D080AA CGJ2B2C0G1H060D0 Datasheet PDF Downlaod from Datasheet.HK ]
[CGJ2B2C0G1H070D050BA CGJ3E2C0G1H070D080AA CGJ2B2C0G1H080D050BA CGJ3E2C0G1H080D080AA CGJ2B2C0G1H060D0 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for CGJ2B2C0G1H070D050BA ]

[ Price & Availability of CGJ2B2C0G1H070D050BA by FindChips.com ]

 Full text search : CGJ Series High Reliability Grade General (Up to 50V)    CGJ Series High Reliability Grade General (Up to 50V)


 Related Part Number
PART Description Maker
CGJ2B2C0G1H101J CGJ2L2X7R0J010JTXXXX CGJ2L2X7R0J01 CGJ Series Extended Life Capacitors
TDK Electronics
1N5226B-LCC3 1N5242B-LCC3 1N5241B-LCC3 1N5244B-LCC 5.1V, 0.02A Reference diode
MSTBW 2.5/13-G
FKC 2.5/3-STF
FAN 24VDC SPRINT ST24A3
MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-15 INSERT ARRANGEMENT, RECEPTACLE GENDER, 35 CONTACTS
Cabinet Rack; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-19 INSERT ARRANGEMENT, RECEPTACLE GENDER, 10 CONTACTS
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 160 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
Power Supply 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 56 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
Battery, Lead-Acid, Sealed, Flame Retardant, Rechargeable, NPX ser. 12V, 150 WPC - 1.67VPC 15 Min - FR 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
http://
SEME-LAB[Seme LAB]
TT electronics Semelab Limited
TT electronics Semelab, Ltd.
Coilcraft, Inc.
SEMELAB LTD
80063-XXX High Reliability Series Mechanical and Environmental
Intersil
SP-50 High Reliability : Red Spec Series
TRIAD MAGNETICS
XH932-150.0M XH723-150.0M XH733-150.0M XH933-150.0 High Reliability Surface Mount LVCMOS Clock Oscillator Series
Connor-Winfield Corporation
XH722-150.0M XH732-150.0M XH7XX High Reliability Surface Mount LVCMOS Clock Oscillator Series
Connor-Winfield Corporation
BU9897GUL-W11 High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
Rohm
BR93A46RF-WE2 BR93A46F-WE2 BR93A46RFJ-WE2 BR93A46F High Reliability Series EEPROMs Microwire BUS
   High Reliability Series EEPROMs Microwire BUS
Rohm
VFJP1104LS VFHR1104LS VFJY1104LS VFHV1104LS VFHA11 Single Color PLCC-2 Type (High Reliability type, V-Series)
   Single Color PLCC-2 Type (High Reliability type, V-Series)
STANLEY ELECTRIC CO.,LTD.
http://
STANLEY ELECTRIC CO.,LT...
9110R-9129R 91100-91199 9130R-9149R The 91 Series of chip capacitors features silicon nitride/silicon dioxide dielectric layers for high reliability and stable capacitance over time.
M/A-COM Technology Solu...
XQ4000E-SERIES XQ4000EX-SERIES XQ4010E-3CB196M XQ4 QPRO XQ4000E/EX QML High-Reliability FPGAs
QPRO QML high-reliability FPGA.
Xilinx
AFL12008SX AFL27005SYES AFL27005SWES AFL27005SWHB 1-OUTPUT 80 W DC-DC REG PWR SUPPLY MODULE
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
International Rectifier
 
 Related keyword From Full Text Search System
CGJ2B2C0G1H070D050BA Table CGJ2B2C0G1H070D050BA Mixed CGJ2B2C0G1H070D050BA filtran xfmr CGJ2B2C0G1H070D050BA Voltage CGJ2B2C0G1H070D050BA digital
CGJ2B2C0G1H070D050BA dropout CGJ2B2C0G1H070D050BA coilcraft CGJ2B2C0G1H070D050BA interrupt CGJ2B2C0G1H070D050BA ethernet transceiver CGJ2B2C0G1H070D050BA Processors
 

 

Price & Availability of CGJ2B2C0G1H070D050BA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.36621999740601