PART |
Description |
Maker |
C3113 |
TYPE CMP / CL3P
|
General Cable Technologies Corporation
|
C3121 |
TYPE CMP / CL3P
|
General Cable Technolog...
|
C3030 |
TYPE CMP LOW-CAP CABLE
|
General Cable Technologies Corporation
|
C3031 |
TYPE CMP LOW-CAP CABLE
|
General Cable Technologies Corporation
|
MIC2211-WSBML MIC2211-1.8_3.3BML MIC2211-JYBML MIC |
Dual UCap LDO in 3mm ??3mm MLF??/span> Dual UCap LDO in 3mm 3mm MLF 双开普LDO稳压器采3mm】3mm的MLF Dual UCap LDO in 3mm 3mm MLF DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 CAP 220PF 50V 5% C0G SMD-0805 BULK SN100 CONNECTOR ACCESSORY 115 VAC, 8 CHANNEL CON IN TRAN DIODE SWITCHING DUAL COMMON-ANODE 70V 250mA-Io 150mW 4ns-trr SOT-523 3K/REEL Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:Yellow RoHS Compliant: Yes Multiconductor Paired UTP Data Cable; Number of Conductors:8; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:White RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:48; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:24 RoHS Compliant: Yes Dual UCap LDO in 3mm × 3mm MLF?/a> Dual UCap LDO in 3mm 3mm MLF Dual UCap LDO in 3mm 】 3mm MLF⑩
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
6439488771000 |
Surveillance CCTV Cable, RG59, Plenum-CMP, 20 AWG solid bare copper, foamed FEP core
|
List of Unclassifed Man...
|
SLA-570MT SLA-570 SLA-570LT |
High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
535034-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 048 EURO TYPE C RECEPT AP ASSY ( AMP )
|
Tyco Electronics
|
AQY410EH AQY414EHAZ AQY410EHA AQY410EHAX AQY410EHA |
PhotoMOS relay, GU (general use)-E type, 1-channel (form B). AC/DC type. I/O isolastion reinforced 5,000V. Output rating: load voltage 400 V, load current 120 mA. GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E通道(表B针型 GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E1通道(表B针型
|
Matsushita Electric Works(Nais) NASI NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp. Electronic Theatre Controls, Inc.
|
AQV414SX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Picked from the 1/2/3-pin side
|
Matsushita Electric Works(Nais)
|
MX23L1611 MX23L1611MC-10 MX23L1611MC-12 MX23L1611T |
CONNECTOR, MINIUSB, TYPE B, PANEL MNT; Connector type:USB; Gender:Socket; Ways, No. of:4; Plating, contact:Gold; Series:BUCCANEER; Mounting type:Rear 3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
|
Macronix International Co., Ltd.
|