PART |
Description |
Maker |
AT24C16C-SSHM-T AT24C16C-SSHM-B AT24C16C-WWU11M |
Two-wire Serial Electrically Erasable and Programmable Read-only Memory 2K X 8 I2C/2-WIRE SERIAL EEPROM, UUC
|
ATMEL Corporation
|
AT24C32D-MEHM-T |
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
|
ATMEL Corporation
|
24C04A |
The 24C04A is a 4K bit Serial Electrically Erasable PROM. The 24C04A features an I2C compatible 2-wire serial interface bus and hardware write protection for the upper half of the block. The 24C04A has a page write capabil
|
Microchip
|
24C128 AT24C128 AT24C128-10CC AT24C128-10CC-1.8 AT |
2-WireSerialEEPROMs 128 x 64 pixel format, LED or EL Backlight available BOX WATERTIGHT 4.70X4.70X1.1,1 Triple 3-Input Positive-NOR Gate 14-TSSOP -40 to 85 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 122 x 32 pixel format, Compact LCD size Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SSOP -40 to 85 Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SOIC -40 to 85 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs 2线串行EEPROM 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-Wire Serial EEPROMs 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs
|
http:// ATMEL[ATMEL Corporation] ATMELCorporation Atmel Corp. Atmel, Corp.
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT24C11 AT24C11-10 AT24C11N-1 AT24C11N-10SU-2.7 AT |
1K, 2-wire Bus Serial EEPROM, Non-cascadable, high speed at medium voltage. 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 240 x 128 pixel format, CFL Backlight with power harness 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ATMEL[ATMEL Corporation] Atmel Corp. PROM Atmel, Corp.
|
X9241AWP X9241AWPI X9241AMP X9241AWV X9241AWPIZ X9 |
Low Powr/2-Wire Serial Bus 低Powr/2-Wire串行总线 Low Powr/2-Wire Serial Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
X24320G X24320V X24320I X24320V14G-2.5 X24320V14IG |
400KHz 2-Wire Serial E2PROM with Block Lock 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 400KHz 2-Wire Serial E2PROM with Block Lock 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 400KHz 2-Wire Serial E2PROM with Block Lock 400kHz线串行E2PROM的块 400KHz 2-Wire Serial E2PROM with Block Lock 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 400KHz 2-Wire Serial E2PROM with Block Lock 400kHz2线串行E2PROM的块
|
IC MICROSYSTEMS Sdn. Bhd. Supertex, Inc. Lumex, Inc. IC MICROSYSTEMS SDN BHD
|
NM24C05 NM24C04 NM24C04LM8 NM24C04M8 NM24C04LEM8 N |
I2C Serial EEPROM 4K X 1 I2C/2-WIRE SERIAL EEPROM, PDSO8 I2C Serial EEPROM 4K X 1 I2C/2-WIRE SERIAL EEPROM, PDIP8 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT24C08A AT24C08A-10PC AT24C08A-10PC-1.8 AT24C08A- |
122 x 32 pixel format, Compact LCD size 128 x 64 pixel format, LED or EL Backlight available 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 5015 RR 19#16 SKT PLUG 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 5015 RR 14#16 PIN PLUG 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 2线串行EEPROM 2-Wire Serial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
IS25C08B-2UDLI-TR IS25C08B-2CLI-TR IS25C08B-2ZLI-T |
8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 2 X 3 MM, 0.55 MM HEIGHT, GREEN, UDFN-8
|
Integrated Silicon Solution, Inc.
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|