PART |
Description |
Maker |
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
FDW2515N FDW2515NZ |
CAP CER 68000PF 100V 10% X7R1210 5.8 A, 20 V, 0.028 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Common Drain N-Channel 2.5V specified PowerTrench MOSFET Dual N-Channel 2.5V Specified PowerTrench MOSFET
|
Glenair, Inc. FAIRCHILD[Fairchild Semiconductor]
|
FDMS7650 |
30V N-Channel PowerTrench® MOSFET; 8-Power 56 (PQFN) 36 A, 30 V, 0.99 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench? MOSFET 30 V, 60 A, 0.99 mΩ N-Channel PowerTrench垄莽 MOSFET 30 V, 60 A, 0.99 m楼?
|
Fairchild Semiconductor, Corp.
|
ZXM64N035L3 |
N-channel MOSFET 35V N-CHANNEL ENHANCEMENT MODE MOSFET 13 A, 35 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
ZXM64P035G ZXM64P035GTA ZXM64P035GTC |
P-channel MOSFET 35V P-CHANNEL ENHANCEMENT MODE MOSFET 3800 mA, 35 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
SUB75N08-10 SUP75N08-10 |
N-Channel Enhancement-Mode Trans N-Channel 75-V (D-S), 175C MOSFET N-Channel 75-V (D-S), 175 Degrees Celcious MOSFET N-Channel 75 N通道75
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
FCA16N60N |
600V N-Channel MOSFET SupreMOS™; 3-TO-3PN 16 A, 600 V, 0.199 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 600V, 16A, 0.170W
|
Fairchild Semiconductor, Corp.
|
OM6233SS OM6227SS OM6233SSV OM6231SS OM6232SS OM62 |
1000V Dual N-Channel MOSFET in a S-6D package 500V Dual N-Channel MOSFET in a S-6D package 400V Dual N-Channel MOSFET in a S-6D package 500V Dual N-Channel MOSFET in a S-6E package 1000V Dual N-Channel MOSFET in a S-6E package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 10 A, 1000 V, 1.3 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HERMETIC SEALED, S-6D, SIP-6 400V Dual N-Channel MOSFET in a S-6E package 400V双N沟道MOSFET的在一个S - 6E条包 10 A, 1000 V, 1.3 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HERMETIC SEALED, S-6E, SIP-6
|
International Rectifier Electronic Theatre Controls, Inc. Atmel, Corp.
|
|