PART |
Description |
Maker |
9540 9540060500 9540060U1000 95400601000 9540060U5 |
Computer Cable for EIA RS-232 Applications
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
9508060500 |
Computer Cable for EIA RS-232 Applications
|
List of Unclassifed Manufac...
|
9536 9536060100 95360601000 9536060500 9536060U100 |
Computer Cable for EIA RS-232 Applications 24 AWG stranded (7x32) tinned copper conductors
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
9501 9501060100 95010601000 9501060500 9501060U100 |
Computer Cable for EIA RS-232 Applications 24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
ISL8563CP ISL8563CB ISL8563 ISL8563IB-T ISL8563CB- |
3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers 3V to 5.5V 1Microamp 250kbps EIA/TIA-562 EIA/TIA-232 Transmitters/Receivers RS-232/RS-562 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, Manual Powerdown with Receivers Active 3V to 5.5V/ 1Microamp/ 250kbps/ EIA/TIA-562/ EIA/TIA-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|
MC145583DW ML145583 ML145583-7P |
3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
|
http:// LANSDALE Semiconductor Inc.
|
ISL8563E04 ISL8563ECB-T ISL8563ECB ISL8563E |
RS-232/RS-562 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Manual Powerdown with Receivers Active /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|
145406 MC145406SD |
Driver/Receiver(EIA 232-E and CCITT V.28(Formerly RS-232-D) UltraLow-Supply Current/Supply-Voltage Supervisory Circuits 6-SOT-23 -40 to 85
|
Motorola, Inc.
|
SP3232ECA-L SP3232EEA-L SP3232EEN-L SP3232EEY-L |
True 3.0V to 5.5V RS-232 Transceivers Meets true EIA/TIA-232-F Standards
|
Exar Corporation
|
8104 |
Low Capacitance for EIA RS-232 and EIA RS-422 Applications
|
List of Unclassifed Man...
|
NM232DDC |
Isolated Dual EIA-232-D Transmitter and Receiver
|
C&D Technologies
|
ST3243CD ST3243CDR ST3243CPR ST3243CTR ST3243C ST3 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors CABLE ASSEMBLY; SMA MALE TO SMA MALE; 50 OHM, RG58C/U COAX Stratix FPGA 25K FBGA-1020 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 3 TO 5.5V 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 3 TO 5.5V 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|