PART |
Description |
Maker |
WM8734EDS WM8734 |
BERGSTRIP .100CC DR STRAIGHT 立体声音频编解码 BOX 4.38X3.25X2.51 9V GRY STEREO AUDIO CODEC
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
449-10-206-00-560000 |
Interconnect Header .100 Grid; Surface Mount Pin Header
|
Mill-Max Mfg. Corp.
|
349-10-103-00-560000 |
Interconnect Header.100 Grid; Surface Mount Pin Header
|
Mill-Max Mfg. Corp.
|
449-10-212 449-10-212-00-560000 |
Interconnect Header.100 Grid; Surface Mount Pin Header
|
Mill-Max Mfg. Corp.
|
829-22-010-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-012-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-005-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-020-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
829-22-003-20-002101 |
Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
|
Mill-Max Mfg. Corp.
|
860-10-050-10-002000 |
Interconnect Header 1mm Grid; Straight Pin Header
|
Mill-Max Mfg. Corp.
|
M5289 M5285 M5293 M5295 M5283 M5304 M5299 M5292 M5 |
Current Limiter Diode 4.3 mA, SILICON, CURRENT REGULATOR DIODE JIGH RELIABILITY CURRENT REGULATOR DIODES JIGH可靠性电流调节二极管 HEADER STRAIGHT 34 WAY HEADER STRAIGHT 60 WAY 5V Adjustable, 10W, CMOS, Step-Up, Switching Regulator Controller HEADER R/A 50 WAY Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits HEADER STRAIGHT 50 WAY HIGH RELIABILITY CURRENT REGULATOR DIODES 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
0554012019 |
2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, VerticalShrouded Header with Eject Levers, 20 Circuits, Lead-free MOLEX Connector
|
Molex Electronics Ltd.
|