PART |
Description |
Maker |
4555 |
Do-It-Yourself Minigrabber Test Clip
|
Pomona Electronics
|
4233 |
Test Clip Kits
|
Pomona Electronics
|
5830-0 5830-2 |
Flexible Maxigrabber Test Clip
|
Pomona Electronics
|
1960 1960-36-0 1960-36-2 |
Alligator Test Clip To Insulated Spade Plug
|
Pomona Electronics
|
3788 |
BNC Female to Minigrabber Test Clip Breakout
|
Pomona Electronics
|
2BC-MG |
Double Banana Plug to Minigator Test Clip Breakouts
|
http://
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
ZA5076B |
LEAD ACID BATTERY CLIP
|
List of Unclassifed Manufacturers
|
LTC2600CGNPBF LTC2600CGNTRPBF LTC2600CUFDPBF LTC26 |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PQCC20 SERIAL INPUT LOADING, 7 us SETTLING TIME, 12-BIT DAC, PQCC20 SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PQCC20 Octal 12-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
LINEAR TECHNOLOGY CORP
|
C1321 |
TEST LEAD WIRE
|
General Cable Technolog...
|
5912B |
Test Clip Set with Jaws; For Use With:Fluke Multimeters; Current Rating:10A; Features:Includes Two Clips, 1 Red and 1 Black; Jaw Opening Max:0.7" RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|