PART |
Description |
Maker |
HYB5117400BJ-50- Q67100-Q1088 HYB5117400BJ-50 HYB5 |
Connector Cover; Leaded Process Compatible:No; Enclosure Color:Gray; For Use With:SB 350 Connector; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 4米4位动态随机存储器 4M x 4-Bit Dynamic RAM
|
http:// SIEMENS AG
|
P-312-CCT P-315-CCT P-318-CCT S-306-CCT S-306H-CCT |
Industrial Connector; Series:300; Number of Contacts:12; Gender:Male; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 12 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG Industrial Connector; Series:300; Number of Contacts:15; Gender:Male; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 15 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG Industrial Connector; Series:300; Number of Contacts:18; Gender:Male; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 18 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG Industrial Connector; Series:300; Number of Contacts:6; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 6 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET Jones Type Connector; Series:300; Number of Contacts:6; Gender:Female; Leaded Process Compatible:Yes 6 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET Industrial Connector; Series:300; Number of Contacts:2; Gender:Female; Leaded Process Compatible:Yes 2 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET Connector; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 33 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET Industrial Connector; Series:300; Number of Contacts:4; Gender:Male; Leaded Process Compatible:Yes 4 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG Industrial Connector; Series:300; No. of Contacts:3; Gender:Male; Leaded Process Compatible:Yes RoHS Compliant: Yes 3 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG
|
Cinch Connectors
|
HYS72D32500GR-7F-B HYS72D64500GR-7F-B HYS72D128521 |
Registered DDR SDRAM-Modules 注册DDR SDRAM内存模块 Connector Wall Plate; Color:Almond; Leaded Process Compatible:Yes; No. of Ports:2 RoHS Compliant: Yes 注册DDR SDRAM内存模块 Connector Wall Plate; Color:Electric White; Leaded Process Compatible:Yes; No. of Ports:4 RoHS Compliant: Yes TRIMMER, 100R DDR SDRAM Modules - 512MB (64Mx72) PC2100 2-2-2 1-bank DDR SDRAM Modules - 1GB (128Mx72) PC2100 2-bank
|
Infineon Technologies AG Infineon Technologies A...
|
DB-25PV |
D-Subminiature Connector; No. of Contacts:25; D Sub Shell Size:DB25; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER, PLUG
|
Cinch Connectors
|
R694251117 |
RF/Coaxial Connector; RF Coax Type:Subminiature; Body Style:Right Angle Plug; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
RADIALL S A
|
ZXMN10A09KNBSP ZXMN10A09KTC ZXMN10A09K |
100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK Circular Connector; Gender:Female; No. of Contacts:6; Series:Mini-Con-X; Body Material:Nylon; Connecting Termination:Solder Cup; Connector Shell Size:20; Leaded Process Compatible:Yes; Operating Voltage:600V RoHS Compliant: Yes
|
ZETEX[Zetex Semiconductors]
|
122506A |
Connector assemblies, Test; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
S-304-DB S-306-DB |
Connector; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 4 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET Connector; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 6 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET
|
Cinch Connectors
|
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-R |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
BOURNS INC Bourns Electronic Solut...
|
R123075000W |
RF/Coaxial Connector; RF Coax Type:QMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:58, 141; Leaded Process Compatible:Yes RoHS Compliant: Yes CABLE TERMINATED, MALE, RF CONNECTOR, CRIMP, PLUG
|
Radiall S.A.
|
EN3P8MSK EN3P8FSK EN3P8FSKL EN3P8MSKL 3FS EN3P4FCK |
8 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, MALE, CIRCULAR CONNECTOR, SOLDER 8 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, SOLDER 3 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, SOLDER 4 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, CRIMP 5 CONTACT(S), GLASS FILLED THERMOPLASTIC POLYMER, FEMALE, CIRCULAR CONNECTOR, SOLDER Circular Connector; Number of Contacts:6; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:EN3 Circular Connector; Gender:Male; No. of Contacts:8; Series:EN3; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Switchcraft, Inc. SWITCHCRAFT INC
|
|