PART |
Description |
Maker |
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
BC868 BC868-25 BC868/T1 |
NPN medium power transistor Leaded Cartridge Fuse; Current Rating:100mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes
|
NXP Semiconductors Philips Semiconductors
|
FNQ-R-25 FNQ-R-15 |
Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm Cartridge Fuse; Current Rating:15A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ-R
|
COOPER INDUSTRIES
|
BCX71JL BCX71GL |
Cartridge Fuse; Current Rating:62.5mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:31.75mm RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Vitesse Semiconductor, Corp.
|
Z85C30-10BUA Z85C30-10DC Z85C30-10BQA AM85C30-8/BQ |
16MHZ, MLF, IND TEMP, GREEN(MCU AVR) 16MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 16MHZ, MLF, IND TEMP, 5V(MCU AVR) 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN, 5V(MCU AVR) Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 RoHS Compliant: Yes ATMEGA644V-10PU & AT86RF230-ZU(AVRZLINK) Communications Controller 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 通信控制 16MHZ, TQFP, IND TEMP, 5V(MCU AVR) 通信控制 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 通信控制
|
Advanced Micro Devices, Inc. Amphenol, Corp. Electronic Theatre Controls, Inc.
|
KLM-1 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:KLM RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 1A, 500VAC, 500VDC, 10000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
C519-1.5-R C519-1.25-R |
Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:15mm; Packaging:Bulk; Series:C519; Voltage Rating:250V RoHS Compliant: Yes Cartridge Fuse; Current Rating:1.25A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:15mm; Packaging:Bulk; Series:C519; Voltage Rating:250V RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
0995020 0995040 0995025 0995030 0995050 0995060 |
JCASE? Cartridge Fuse Rated 58V JCASE㈢ Cartridge Fuse Rated 58V
|
Littelfuse
|
215025P 215400P 215250P 215800P 215001P 215002P 21 |
High breaking capacity 5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) Axial Lead and Cartridge Fuses
|
LITTELFUSE[Littelfuse] http://
|
PFRA.017 PFRA.020 PFRA.025 PFRA.030 PFRA.050 PFRA. |
Radial Leaded Fuse, PTC, 60 VDC Miniature PCB PTC-fuses; for electronic devices; Voltage Rating: 60V; Current Rating: 0.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Schurter Inc. SCHURTER AG
|
10230 10302 10304 10306 11302 11304 10202 10205 10 |
Fuse carriers, Domestic cartridge fuses
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|