PART |
Description |
Maker |
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
MIC7111 MIC7111BM5 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 1.8V IttyBitty⑩ Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBitty Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBittyTM Rail-to-Rail Input/Output Op Amp
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MAX4230AXKT MAX4232AKAT MAX423011 |
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps with Shutdown in SC70 DUAL OP-AMP, 8000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8
|
http:// Maxim Integrated Products, Inc.
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
AD8027ARTZ-R2 AD8028 AD8028AR-REEL AD8028AR AD8028 |
Low-Distortion High-Speed Rail-to-Rail Input/Output Amplifier
|
Analog Devices
|
MP5421 MP5421DM MP5221 MP5221DK MP5121 |
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
|
Monolithic Power Systems Monolithic Power System...
|
OP19602 OP296 OP196HRU |
15V; micropower, rail-to-rail input and output operational amplifier. For battery monitoring, sensor conditioners Micropower, Rail-to-Rail Input and Output Operational Amplifiers
|
Analog Devices
|
ADA4851-4ARU-REEL7 |
2.7-10 V, low-cost, high-speed rail-to-rail output op-amp
|
Analog Devices
|
TS922AIYST TS922AIYPT TS922AIPT TS922IDT TS922AIYD |
Rail-to-rail, high output current dual operational amplifier
|
STMicroelectronics
|
TS925AID TS925AIN TS925AIP TS925AIPT TS925IP TS925 |
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
|
ST Microelectronics
|
MAX4369EBL-T MAX4369 |
Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP
|
MAXIM[Maxim Integrated Products]
|