PART |
Description |
Maker |
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
VHFD37-16IO1 VHFD37-08IO1 VHFD37-12IO1 VHFD37-14IO |
Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes 31 A, 1600 V, SCR Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes 31 A, 1200 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
PSB105 |
Single Phase Rectifier Bridges
|
Powersem GmbH
|
PSB41 |
Single Phase Rectifier Bridges
|
Powersem GmbH
|
FBO16-12N |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge in ISOPLUS i4-PAC
|
IXYS[IXYS Corporation]
|
FBE22-06N1 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Fast Single Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|
VBO105-08NO7 VBO105-12NO7 VBO105-14NO7 VBO105 VBO1 |
Single Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
http:// IXYS Corporation
|
VBE17-06NO7 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
|
IXYS[IXYS Corporation]
|
VBO125 VBO125-08NO7 VBO125-12NO7 VBO125-18NO7 VBO1 |
Single Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS Corporation
|
VBO22-08NO8 VBO22-14NO8 VBO22-16NO8 VBO22-18NO8 VB |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS
|
VBO130-12NO7 VBO130-08NO7 VBO130-16NO7 VBO130-14NO |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS
|