PART |
Description |
Maker |
PE7054-30 |
30 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7052-6 |
6 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7052-20 |
20 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7350-3 |
3 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|
PE7415-40 |
40 dB Fixed Attenuator, TNC Female To TNC Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7242-10 |
10 dB Fixed Attenuator, TNC Female To TNC Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
3-28-109 3-05-109 3-10-109 3-08-109 3-04-109 3-03- |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Fixed Attenuators 18325 GHz 固定衰减18325千兆 33000 MHz - 50000 MHz RF/MICROWAVE FIXED ATTENUATOR 40000 MHz - 60000 MHz RF/MICROWAVE FIXED ATTENUATOR 18000 MHz - 26500 MHz RF/MICROWAVE FIXED ATTENUATOR 220000 MHz - 325000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
PE7319-30 |
30 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7319-50 |
50 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7358-40 |
40 dB Fixed Attenuator, SMA Male To TNC Female Rated To 25 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7319-10 |
10 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7346-40 |
40 dB Fixed Attenuator, N Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|