PART |
Description |
Maker |
AIC811 AIC812-46PVTR AIC811-23CVBG AIC811-23CVTR A |
Reset Circuits with Manual Reset Input 复位电路,带有手动复位输 From old datasheet system 4-Pin uP Reset Circuits with Manual Reset Input
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
MAX801 MAX801CPA MAX801CSA MAX801EPA MAX801ESA MAX |
Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.425V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. CMOS RAM write protection.. 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin μP Supervisory Circuits with ±1.5eset Accuracy 8-Pin P Supervisory Circuits with 1.5eset Accuracy From old datasheet system 8-Pin レP Supervisory Circuits with 【1.5eset Accuracy 5015 RR 3#8 SKT RECP 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚レP监控电路与精度1.5eset 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚微处理器监控电路,提amp;plusmn;1.5%的复位门限精 Interface IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, CDIP8 Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. CMOS RAM write protection..
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADM1810BADM1813 ADM1810 ADM1810-10ART-REEL ADM1810 |
Microprocessor Reset Circuits Microprocessor Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Microprocessor Reset Circuits 微处理器复位电路
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
63FE 25ET 12CT 71FE 10CT 20CT 40ET 80ET 6CT 56ET 3 |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems 3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Microprocessor Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Low-Power, SPST, Fast, CMOS Analog Switch Dual/Quad RF/Video Switches 1024k NV SRAM with Phantom Clock Single/Dual/Quad, 10MHz Single-Supply Op Amps Fuse 保险
|
Air Cost Control
|
12DT5D 12AT9S 12AT12D 12AT12S 12AT15D 12AT15S 5DT9 |
µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Analog IC 模拟IC
|
Vishay Intertechnology, Inc.
|
364TG 364B 364UYL 364UOL 364PG 364UB 364G |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Surface Mount Chip LEDs 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 表面贴装芯片LED
|
Electronic Theatre Controls, Inc.
|
655NV60/400M5 A655NV60/400M5 A697NV400C5 |
4-Pin, Low-Power µP Reset Circuits with Manual Reset Interface IC
|
|
MAX6713_EXS-T10 MAX6711_EXS-T MAX6711_EXS-T10 MAX6 |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
|
MAXIM[Maxim Integrated Products]
|
36280170 3628017001 3636030001 |
Consumer IC Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset 消费性IC
|
TE Connectivity, Ltd.
|
ADM6823TYRJZ-RL7 ADM6823WYRJZ-RL7 ADM6823TYRJ-R7 A |
Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5 Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT- Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
|
Analog Devices
|
110E-1-A-56-F-204P-S 110E-1-A-56-F-206P-C 110E-1-A |
21mm Mechanical Encoder Peripheral Miscellaneous 周边杂项 Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay 周边杂项 Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
Vishay Infineon Technologies AG Optrex America, Inc. Fujitsu, Ltd. HIROSE ELECTRIC Co., Ltd. ITT, Corp.
|