PART |
Description |
Maker |
LINK002M LINK001C LINK003M LINK001M LINK003C LINK0 |
up-link remote indication fuse holder
|
Littelfuse
|
1120160019 SST-PB3-CLX-DTM E-112016-0019 |
BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link MOLEX Connector
|
Molex Electronics Ltd.
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
BK/PCB-2-1/2 BK/PCB-1-1/2 PCD-5 PCE-5 |
FUSE 2-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 1-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 1.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE PC Board Fuse; Leaded Process Compatible:No; Fuse Type:Fast Acting; Peak Reflow Compatible (260 C):No; Series:PC-Tron ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
1991499 PM7367 PM7367-PI |
32 link, 32 Channel Data Link Manager with PCI Interface FRAME ENGINE AND DATA LINK MANAGER From old datasheet system 32 link 32 Channel Data Link Manager with PCI Interface
|
PMC[PMC-Sierra, Inc] PMC[PMC-Sierra Inc]
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
ZXMS6002GTA ZXMS6002G |
60V N-Channel self protected enhancement mode IntelliFET?/a> MOSFET with status indication 60V N-Channel self protected enhancement mode IntelliFETMOSFET with status indication 60V N-Channel self protected enhancement mode IntelliFET??MOSFET with status indication
|
Zetex Semiconductors
|
GS2986 |
Standards indication in Auto mode
|
Gennum Corporation
|
V23815-K1306-M230 V23814-K1306-M230 V23815-K1306-M |
Parallel Optical Link: PAROLI TM Rx DC/DEMUX-DEC Parallel Optical Link: PAROLI TM Tx DC/MUX-ENC Parallel Optical Link: PAROLI TM Rx AC Parallel Optical Link: PAROLI TM Tx AC From old datasheet system
|
Infineon
|
RT9024 RT9024GE RT9024PE |
Low-Dropout Linear Regulator Controller with PGOOD Indication
|
Richtek Technology Corporation
|