PART |
Description |
Maker |
MKT1824 |
C-values 0.01 μF - 1.0 μF, Voltage 40 - 63 VDC, Max. temp. 125°C, High pulse load, Stacked film, SMD
|
Vishay
|
KP1830 |
C-values 100 pF - 0.033 μF, Voltage 63 - 630 VDC, High pulse load, Tolerances to 1%, Low losses, PCM 5
|
Vishay
|
MKP1846 |
C-values 1000 pF - 0.68 μF, Voltage 630 - 2000 VDC, Low losses, High current and pulse load, PCM 15-37.5
|
Vishay
|
MKP1845 |
C-values 1000 pF - 4.7 μF, Voltage 160 - 2000 VDC, Low losses, High current and pulse load, Low profile, AXIAL
|
Vishay
|
MP4303 |
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
334PPR102KH |
High Pulse Currents - High voltage
|
Illinois Capacitor, Inc...
|
153PPB162K 153PPB102K 153PPB630K 153PPB102KB |
High Pulse Currents - High voltage
|
Illinois Capacitor, Inc...
|
AQV202 AQV202A AQV103 AQV103A AQV101 AQV101A AQV20 |
PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 150 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side.. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 500 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 180 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 300 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 600 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 700 mA. Tape and reel packing style. picked from the 1/2/3-pin side. ER 17C 17#16 PIN RECP ER 8C 8#16 PIN RECP WALL ER 17C 17#16 SKT RECP ER 14C 14#16 SKT RECP WALL ER 2C 2#8 SKT RECP WALL HF (High Function) Type [1-Channel (Form A) Type] PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 700 mA. Tape and reel packing style. picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 600 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 180 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 300 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 500 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 200 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 200 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 150 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Nais(Matsushita Electri... ETC[ETC] NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
MP4506 E002525 |
HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING From old datasheet system
|
Toshiba
|
MP4501 E002520 |
HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING From old datasheet system
|
Toshiba
|
|