PART |
Description |
Maker |
CD00191174 STM32F101RET6 STM32F101VET6 STM32F101ZE |
Mainstream Access line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 36 MHz CPU High-density access line, ARM-based 32-bit MCU Mainstream Access line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 36 MHz CPU
|
STMicroelectronics ST Microelectronics
|
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
ATSAM3U1CB-AU |
AT91SAM ARM-based Flash MCU
|
ATMEL Corporation
|
STM32F417ZG STM32F417IG STM32F415RG STM32F415XX ST |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator, HW crypto ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM
|
ST Microelectronics STMicroelectronics
|
STM32F030X8 STM32F030C8 STM32F030F4 STM32F030K6 ST |
Value-line Arm?-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
|
STMicroelectronics
|
STM32F101T6U6XXX STM32F101R4U6XXX STM32F101R4U6AXX |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics
|
STM32F407IE STM32F407ZE STM32F407IGH6 STM32F405ZG |
ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator
|
STMicroelectronics ST Microelectronics
|
STM32F103ZEH7XXX STM32F103ZEH6XXX STM32F103VET7XXX |
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
|
STMicroelectronics
|
ATSAM3N00AA-AU ATSAM3N00AA-MU ATSAM3N00BA-AU ATSAM |
ARM-based Flash MCU Pin-to-pin compatible with SAM7S legacy products
|
ATMEL Corporation
|
HD6432132XXXFA HD64F2132RFA20 HD64F2134FA20 HD6432 |
IC MCU AVR32 256KB FLASH 48-QFN MCU ARM 512K HS FLASH 100-TFBGA 32-Bit Microcontroller 32位微控制
|
Unisonic Technologies Co., Ltd.
|