PART |
Description |
Maker |
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
FMMT6517 FMMT6517TA FMMT6517-15 |
NPN High Voltage Transistor 500 mA, 350 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT23 NPN SILICON PLANAR SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated List of Unclassifed Manufac...
|
2SC4942 2SC4942AA3 2SC4942AA1 2SC4942AA2 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 1A I(C) | TO-243VAR NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
|
NEC Corp. NEC[NEC]
|
2SC3981 2SC3981A |
TRANS NPN 40V 350MW SMD SOT23 5 A, 800 V, NPN, Si, POWER TRANSISTOR Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BUL53B |
ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 12 A, 250 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
PZT5551-C-AA3-C-R PZT5551L-A-AA3-B-R PZT5551L-B-AA |
HIGH VOLTAGE SWITCHING TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
|
Unisonic Technologies UTC
|
BUH713 |
TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 10A I(C) | TO-218VAR High Voltage Fastswitching NPN Power Transistor
|
ST Microelectronics
|
NTE2412 |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
KSC5042M KSC5042MSTU |
High Voltage Switchihg Dynamic Focus Application 0.1 A, 900 V, NPN, Si, POWER TRANSISTOR, TO-126 NPN Triple Diffused Planar Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FZT458 |
NPN High VoltageTransistor SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated
|