PART |
Description |
Maker |
AMP02 AMP02AZ883C AMP02EPZ |
High Accuracy Instrumentation Amplifier
|
Analog Devices
|
AMP02AZ/883C AMP02EP AMP02FP AMP02FS AMP02FS-REEL |
High Accuracy Instrumentation Amplifier
|
Analog Devices
|
CY2077 CY2077FSI CY2077SI CY2077ZC CY2077ZI CY2077 |
High-accuracy EPROM Programmable Single-PLL Clock Generator(高精度EPROM,可编程单PLL时钟发生 High-accuracy PLL with 12-bit multiplier and 10-bit divider
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
LT1102_07 LT1102 LT1102ACH LT1102ACN8 LT1102AMH LT |
High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100); Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C INSTRUMENTATION AMPLIFIER, 2000 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDIP8
|
Linear Technology, Corp. LINER[Linear Technology]
|
MAX6710UT-T MAX6710IUT MAX6700UT-T MAX6710BUTT MAX |
Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MIC2033-05BYM6 |
High-Accuracy, High-Side, Fixed Current Limit Power Switch
|
Micrel Semiconductor
|
ADP3307 ADP3307ART-27 ADP3307ART-3 ADP3307ART-32 A |
High Accuracy anyCAP⑩ 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
MAX4460-MAX4462 MAX4462HESA |
Precision Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 750 uV OFFSET-MAX, 0.025 MHz BAND WIDTH, PDSO8
|
Maxim Integrated Products, Inc.
|
MAX4460ETT-T MAX4460ETTT X4460EUTTG16 |
Precision Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 1900 uV OFFSET-MAX, 2.5 MHz BAND WIDTH, DSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|