PART |
Description |
Maker |
SAFSE1G96KD0T00 SAFSE1G95KC0T00 SAFSE1G57KA0T09 SA |
1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1950 MHz, SAW FILTER 1 FUNCTIONS, 1575.42 MHz, SAW FILTER 1 FUNCTIONS, 851 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 1842.5 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER 1 FUNCTIONS, 906 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
GSIFTB0755A GSIFTB0193A GSIFTB433E2 GSIFTB0460A GS |
1 FUNCTIONS, 167.5 MHz, SAW FILTER 1 FUNCTIONS, 70 MHz, SAW FILTER 1 FUNCTIONS, 433.92 MHz, SAW FILTER 1 FUNCTIONS, 300 MHz, SAW FILTER 1 FUNCTIONS, 159 MHz, SAW FILTER 1 FUNCTIONS, 81 MHz, SAW FILTER 1 FUNCTIONS, 260 MHz, SAW FILTER 1 FUNCTIONS, 40 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
NTE2057 |
Integrated Circuit Dual 16-Bit Digital-to-Analog Converter for CD and DAT Players 集成电路6位数字到模拟转换器的CDDAT播放
|
NTE Electronics, Inc.
|
HZ0805C202R-10 HZ0805B272R-10 HZ0805B222R-10 HI222 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 0805 2700 OHM SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 2200OHMS 200MA 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 4A 700 OHM 2220 SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE CHIP SIGNAL 120 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE CHIP SIGNAL 150 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE 8A 125 OHMS 1812 SMD 1 FUNCTIONS, 8 A, FERRITE CHIP FERRITE 1.5A 90 OHM 1206 SMD 1 FUNCTIONS, 1.5 A, FERRITE CHIP FERRITE 500MA 600 OHM 0805 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 700MA 120 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE ARRAY 200MA 600 OHMS SMD 4 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 700MA 220 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE CHIP 220 OHMS 300MA 0402 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 120 OHMS 400MA 1812 1 FUNCTIONS, 0.4 A, FERRITE CHIP FERRITE 700MA 80 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE 200MA 300 OHM 0402 SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP .5A 60 OHM SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 10A 56 OHM 1612 SMD 1 FUNCTIONS, 10 A, FERRITE CHIP FERRITE CHIP 1800 OHMS 50MA 0603 1 FUNCTIONS, 0.05 A, FERRITE CHIP FERRITE 500MA 600 OHM 1206 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 100MA 600 OHM 0402 SMD 1 FUNCTIONS, 0.1 A, FERRITE CHIP FERRITE CHIP 1000OHMS 200MA 0402 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP POWER 60 OHM SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE 4A 250 OHM 2220 SMD FERRITE ARRAY 500MA 30 OHMS SMD FERRITE ARRAY 300MA 120 OHMS SMD
|
Laird Technologies, Inc. OKI SEMICONDUCTOR CO., LTD.
|
DSS6NC52A271T41B DSN6NC51H330Q56B DSN6NC51H222Q56B |
1 FUNCTIONS, 100 V, 6 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 6 A, FEED THROUGH CAPACITOR FILTER NETWORK 100V 270PF 20%
|
MURATA MANUFACTURING CO LTD
|
DLT431H DLT431M DLT431F DLT642N DLT431C DUT542K DL |
1 FUNCTIONS, 87 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.15 A, DATA LINE FILTER 1 FUNCTIONS, 130 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 1 A, DATA LINE FILTER
|
|
ADP5585 |
Keypad Decoder and I/O Expansion GPIO functions GPIO functions
|
Analog Devices
|
BLM18BD470SH1D BLM18BD470SH1J BLM18BD470SH1B BLM18 |
1 FUNCTIONS, 0.5 A, FERRITE CHIP EIA STD PACKAGE SIZE 0603, 2 PIN 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
ZS1C2-272Y ZS1A2-272Y ZS2A2-272Y ZS2C2-272Y |
1 FUNCTIONS, 50 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER
|
AVX, Corp.
|
|