PART |
Description |
Maker |
HLMP-AM86 HLMP-AM8X-XX0ZZ HLMP-AB86 HLMP-AB86-MQ0X |
HLMP-AM87-TW0ZZ · Agilent 5mm Mini Oval Precision Optical Performance for Green HLMP-AM87-TW0DD · Agilent 5mm Mini Oval Precision Optical Performance for Green HLMP-AM87-TW000 · Agilent 5mm Mini Oval Precision Optical Performance for Green HLMP-AM86-TW0ZZ · Agilent 5mm Mini Oval Precision Optical Performance for Green HLMP-AB87-MQ0ZZ · Agilent 5mm Mini Oval Precision Optical Performance for Blue HLMP-AB87-MQ0DD · Agilent 5mm Mini Oval Precision Optical Performance for Blue HLMP-AB87-MQ000 · Agilent 5mm Mini Oval Precision Optical Performance for Blue HLMP-AB86-MQ0ZZ · Agilent 5mm Mini Oval Precision Optical Performance for Blue ; Number of Conductors:48; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyolefin; Number of Pairs:24; Approval Bodies:NEC; Conductor Material:Copper; Impedance:50ohm; Leaded Process Compatible:No RoHS Compliant: Yes 5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs. 5毫米迷你椭圆形精密光学性能红色,蓝色和绿色发光二极管
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Avago Technologies, Ltd.
|
22-01-1154 22-01-1104 29-11-0053 |
CONN RCPT HOUSING 15POS 2.5MM 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP MINI SPOX PLUG HSG 5240051
|
Molex, Inc. MOLEX INC
|
87437-1273 87437-0243 87437-0873 87437-0743 87437- |
1.5mm WtB VHdr SMT TR/Cap 2.54SnLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG connector 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG CONN HEADER 7POS 1.5MM VERT SMD 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Vert SMT 2.54SnLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT TR/Cap 2.54SnLF 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Blk /Cap T&R 2.56SnLF 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Vert SMT 2.54SnLF 14Ckt 1.50MM PITCH, W-T-B HEADER, VERTICAL, SMT
|
Molex, Inc. MOLEX INC Molex Electronics Ltd.
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
22-43-8140 22-43-8060 08-70-0102 MOLEXINC-22-43-81 |
Spox 2.5mm Hdr Assy 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Spox 2.5mm Hdr Assy 6 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Mini Spox Crimp Term 0.33 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
GP1A05A2J00F GP1A05A5J00F GP1A05AJ000F |
Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
|
Sharp Electrionic Components
|
DX2R005HN2 |
MINI USB CONNECTOR MINI-B RECEP, R/A SMT TYPE WITH MAYLAR TAPE
|
Japan Aviation Electronics Industry, Ltd.
|
GP1A75EJ000F |
Gap : 5mm Slit : 0.5mm OPIC Output, Screw fi xing type Transmissive Photointerrupter with Connector
|
Sharp Electrionic Components
|
M80-5L20622M1-03-334-03-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 6 x 4.5mm PC Tail signal contacts, 6 x 5mm PC Tail Power contacts 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
E.FL-R-SMT E.FL-LP-040 E.FL-LP-066 E.FL-LR-SMT E.F |
DISPLAY BUTTONSDISPLAY BUTTONS; Depth, external:21mm; Length / Height, external:86.5mm; Width, external:86.5mm 大肠杆菌佛罗里达州同轴连接器与世界上最小的足迹 IP65 DISPLAY REPEATER FOR EASY 800 ; 大肠杆菌佛罗里达州同轴连接器与世界上最小的足迹 CPU WITHOUT NETWORKCPU WITHOUT NETWORK; Depth, external:29.5mm; Length / Height, external:90mm; Width, external:107.5mm CPU WITH NETWORKCPU WITH NETWORK; Depth, external:29.5mm; Length / Height, external:90mm; Width, external:107.5mm CABLE ; Connector type A:MFD-Titan; Connector type B:MFD-Titan; Length, lead:5m E.FL Coaxial Connectors with World Smallest Footprint
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
M80-5T21642M3-06-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 16 x 3mm PC Tail signal contacts, 6 x 4.5mm PC Tail Coax contacts 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
LY5421QO LS5421QO LG5411LO |
5mm Mini Oval AlInGaP LEDs Optoelectronic 光电
|
SIEMENS AG
|
|