PART |
Description |
Maker |
QL92010M QL92010M_DS |
QuickMIPS Embedded Standard Products (ESP) Family From old datasheet system
|
quicklogic
|
MAP140_06 MAP140-3000P MAP140-1012 MAP140-1024 MAP |
a full range of options and up to 30 watts more power than comparable products in this industry-standard footprint. Universal Input 85-264 VAC
|
POWER-ONE[Power-One]
|
WSN802G |
RFM Products are now Murata products
|
Murata Manufacturing Co...
|
RX6000 |
RFM products are now Murata products
|
Murata Manufacturing Co...
|
096735-000 989523-000 441753-000 926935-000 991984 |
RAYCHEM Tubing Products 4.20mm (.165) Pitch Mini-Fit Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock RAYCHEM Tubing Products
|
Tyco Electronics
|
IDTQS3VH2245 IDTQS3VH2245Q IDTQS3VH2245PA QS3VH224 |
QuickSwitch Products 3.3V 8-Bit Bus Switch for Hot Swap Applications QUICKSWITCH? PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT[Integrated Device Technology]
|
FPF217408 |
IntelliMAX Advanced Load Management Products IntelliMAX⑩ Advanced Load Management Products
|
Fairchild Semiconductor
|
FPF212306 FPF2125 FPF2123 FPF2124 |
IntelliMAX?/a> Advanced Load Management Products IntelliMAX⑩ Advanced Load Management Products
|
FAIRCHILD[Fairchild Semiconductor]
|
IDTQS3L383 QS3L383_DS_11769 IDTQS3L383SO IDTQS3L38 |
QUICKSWITCH? PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH QUICKSWITCH垄莽 PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH QUICKSWITCH? PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH From old datasheet system QUICKSWITCH㈢ PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
|
IDT Integrated Device Technology
|
T494C337K004AS T494D337K004AS T494D337K006AS T494X |
1-Form-A i4-PAC Package Products 60V: DC Only 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 Dual optocoupler with a single or darlington transistor output 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 SOLID TANTALUM CHIP CAPACITORS<br>(T494 SERIES - Low ESR, Industrial Grade) 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 RECTIFIER STANDARD SINGLE 2A 100V 100 65A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 1-Form-A i4-PAC Package Products 1000V: DC Only 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 ER 5C 4#4 1#8 SKT RECP BOX 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 Large glass bead with adjacent leads 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 RECTIFIER STANDARD SINGLE 2A 200V 200 70A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 Multi-Color LED; LED Color:Red; Luminous Intensity:8mcd; Viewing Angle:170 ; Forward Current:10mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 75 C; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DIODE-RECT, SHTKY 40V, 3A@TJ=150C, IR=2MA@2 RECTIFIER STANDARD SINGLE 2A 50V 50 70A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 SOLID TANTALUM CHIP CAPACITORS (T494 SERIES - Low ESR, Industrial Grade) 257.13 Kbytes SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade) SOLID TANTALUM CHIP CAPACITORS(T494 SERIES - Low ESR Industrial Grade) SOLID TANTALUM CHIP CAPACITORS(T494 SERIES - Low ESR, Industrial Grade)
|
KEMET[Kemet Corporation] http://
|
KM681000AL-LPI-7L-L KM62256BLPI-85L KM681000ALPI-8 |
128K X 8 STANDARD SRAM, 70 ns, PDIP32 DIP-32 32K X 8 STANDARD SRAM, 85 ns, PDIP28 DIP-28 128K X 8 STANDARD SRAM, 85 ns, PDIP32 DIP-32 128K X 8 STANDARD SRAM, 80 ns, PDIP32 DIP-32 128K X 8 STANDARD SRAM, 100 ns, PDIP32 DIP-32 128K X 8 STANDARD SRAM, 80 ns, PDSO32 SOP-32 128K X 8 STANDARD SRAM, 45 ns, PDSO32 128K X 8 STANDARD SRAM, 45 ns, PDIP 32K X 8 STANDARD SRAM, 120 ns, PDIP28 256K X 16 STANDARD SRAM, 45 ns, PDSO 256K X 16 STANDARD SRAM, 70 ns, PDSO 64K X 8 STANDARD SRAM, 85 ns, PDSO32 32K X 8 STANDARD SRAM, 70 ns, PDSO32 64K X 16 STANDARD SRAM, 45 ns, PDSO40 256K X 16 STANDARD SRAM, 55 ns, PDSO40 64K X 16 STANDARD SRAM, 55 ns, PDSO 128K X 8 STANDARD SRAM, 85 ns, PDSO32
|
Coilcraft, Inc.
|