PART |
Description |
Maker |
2-104437-0 |
HEADER ASSEMBLY, MOD II, BREAKAWAY, RIGHT ANGLE, DOUBLE ROW, .100X.100
|
Tyco Electronics
|
5-146256-2 |
HEADER ASSEMBLY, MOD II, BREAKAWAY, DOUBLE ROW, VERTICAL, HIGH TEMPERATURE
|
Tyco Electronics
|
4-103328-0 4-103328-1 4-103328-2 4-103328-3 4-1033 |
ASSEMBLY, HEADER, BREAKAWAY, MOD II, DOUBLE ROW, 100 X 100 C/L
|
Tyco Electronics
|
A-70280-0115 0010897720 010-89-7720 |
2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 72 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107) PC Tail 2.54mm (.100") Pitch C-Grid垄莽 Breakaway Header, Dual Row
|
Molex Electronics Ltd.
|
71764-0122 SD-71764-001 |
2.54mm (.100) Pitch C-Grid? Breakaway Header 2.54mm (.100") Pitch C-Grid庐 Breakaway Header
|
Molex Electronics Ltd.
|
0022283302 42225-0100 A-42225-0100 22-28-3302 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
0022284127 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 12 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, 12 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
26-60-1100 |
Header, Vertical Breakaway; No. of Contacts:10; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41761; Body Material:Polyester, Glass-filled 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
0022282025 22-28-2025 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with Kinked PC Tails 2.54mm (.100) Pitch KK庐 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, with Kinked PC Tails 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating, with Kinked PC Tai
|
Molex Electronics Ltd.
|
0416610001 41661-0001 A-41661-B02A208 |
3.96mm (.156) Pitch KK? Header, Breakaway, Vertical, 2 Circuits 3.96mm (.156") Pitch KK庐 Header, Breakaway, Vertical, 2 Circuits
|
Molex Electronics Ltd.
|
|