PART |
Description |
Maker |
11SM3-T |
SWITCH BASIC
|
List of Unclassifed Manufacturers
|
11SM3-T |
SWITCH-BASIC
|
Honeywell Solid State Electronics Center
|
CK-C4500 V3-245 |
SWITCH-BASIC
|
Honeywell Solid State Electronics Center Honeywell Solid State E...
|
CW-84719 |
SWITCH-BASIC
|
Honeywell Solid State E...
|
V3-115 |
SWITCH-BASIC
|
List of Unclassifed Man...
|
V-15-1A5 V-21G5-3AR6-T V-15G6-1AR6-T V-15G6-5AR6-T |
Miniature Basic Switch
|
Omron Electronics LLC
|
D2FD-01L30-1H D2FD-01L30-1T D2FD-2L0-1H D2FD-2L0-1 |
Dust Proof Ultra Subminiature Basic Switch
|
Omron Electronics LLC
|
SC-A142C SC-1420 SC-1421 SC-1427 SC-1429 SC-142A S |
CRYSTAL CLOCK OSCILLATORS SE Series Environmentally Sealed Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Normally Closed Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Quick-connect (H58) Termination
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
SS-5-F SS-5-2 SS-01-F-2D SS-01-E-2T SS-01-3T SS-01 |
Subminiature Basic Switch Subminiature Basic Switch
|
Omron Electronics LLC
|
SCS152 SCS152-IS |
HM Series Hermetically Sealed Basic Switch, Single Pole Double Throw Circuitry, 0.5 A at 28 Vdc, Integral Lever Actuator, Solder Termination Small glass bead with axial leads
|
Microchip Technology Inc.
|