PART |
Description |
Maker |
2-103164-8 2-103164-4 2-103164-3 1-103164-0 1-1031 |
HEADER ASSY, MOD II, DBL ROW, .100X.100 C/L, RIGHT ANGLE, (3) SIDED SHROUD HEADER ASSY, MOD II, DBL ROW, .100 X .100 C/L, RIGHT ANGLE, (3) SIDED SHROUD
|
Tyco Electronics
|
1-102055-3 |
HEADER ASSY, MOD ll, DBL ROW, .100X .100 C/L, RIGHT ANGLE, (3) SIDED SHROUD
|
Tyco Electronics
|
6-103323-0 |
HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, .100, RIGHT ANGLE, WITH .025 SQUARE POSTS
|
Tyco Electronics
|
1-102898-0 |
HEADER ASSY, MOD II, UNSHROUDED, COMPLIANT PIN, SINGLE, ROW .100 C/L, WITH .025 SQ POSTS
|
Tyco Electronics
|
2-103233-4 2-103233-9 |
HEADER ASSY, MOD II, UNSHROUDED, COMPLIANT PIN, DOUBLE, ROW .100 X .100C/L, WITH .025 SQ POSTS
|
Tyco Electronics
|
6-102690-4 |
HEADER ASSY, MOD II, DOUBLE ROW, 2.54 X 2.54 [.100 X .100] CL, .025 SQ COMPLIANT PIN POST, FOR .093 NOM AND THICKER BOARDS
|
Tyco Electronics
|
2-103166-8 2-103166-3 1-103166-8 1-103166-0 1-1031 |
HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .25 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100 x .100 RIGHT ANGLE, W/ .025 SQ POSTS
|
Tyco Electronics
|
27-62-4069 26-60-4180 26-60-4103 27-62-4079 26-63- |
KK 156 Hdr Assy FrLk 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:18; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41791; Body Material:Polyester; Current Rating:7A; Voltage Rating:250V 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 07 Ckt Tin KK 156 Hdr Assy FrLk 03 Ckt 20 SGold KK 156 Hdr Assy FrLk 05 Ckt 20 SGold
|
Molex, Inc. MOLEX INC
|
2-103361-2 1-103361-2 1-103361-4 1-103361-8 6-1033 |
HEADER ASSEMBLY, MOD II, SINGLE ROW .100 CL, RIGHT ANGLE HEADER ASSEMBLY, MOD II, SINGLE ROW .100 CL, RIGHT ANGLE -
|
Tyco Electronics
|
4-146257-0 4-146257-5 4-146257-6 6-146257-1 3-1462 |
HEADER ASSEMBLY, MOD II, BREAKAWAY, DOUBLE ROW, HIGH TEMPERATURE
|
Tyco Electronics
|
42820-2342 42820-2243 42820-2212 42820-2213 42820- |
MiniFit Sr Hdr Assy 250 2 Ckt Tin 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Sr Hdr Assy 250 Clip 2 Ckt Gold 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Pin Header; Number of Contacts:2; Pitch Spacing:10mm; Number of Rows:1; Gender:Header; Series:42820; Body Material:PA Polyamide (Nylon) 4/6; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin-Lead 428202213 428202232 MiniFit Sr Hdr Assy 093 Clip 2 Ckt Gold
|
Molex, Inc. MOLEX INC
|
|