PART |
Description |
Maker |
09-50-6255 09-50-5285 09-50-6085 09-50-6185 09-50- |
Multipole Connector; No. of Contacts:50; Series:KK; Body Material:Polyester 50 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 28Ckt 56 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 8Ckt 16 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 18Ckt 36 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 24Ckt 48 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP
|
Molex, Inc.
|
10-05-1033 10-05-1043 |
CONN ASSY 5.08MM 3 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 4CKT RECEPTACLE HSG ASSY 27674AH
|
Molex, Inc. MOLEX INC
|
A-HDS15-HOOD-WP-R |
D-SUB CONN. ASSY SCREW HO15P M CONN M PIN
|
Assmann Electronics Inc.
|
52045-1945 52045-2645 52045-3245 52045-3645 52045- |
1.25 FFC Conn Hsg Assy Str Type 19Ckt 19 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 520452645 26 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 520453245 32 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1.25 FFC Conn Hsg Assy Str Type 36Ckt 36 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1.25 FFC Conn Hsg Assy Str Type 37Ckt 37 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1.25 FFC Conn Hsg Assy Str Type 11Ckt 11 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1.25 FFC Conn Hsg Assy Str Type 7Ckt 7 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1.25 FFC Conn Hsg Assy Str Type 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER
|
Molex, Inc.
|
EB84-PA10GXS EB84-PA12GXS EB84-PA15GXS EB44-PE43GX |
10 CONTACT(S), FEMALE, VERTICAL SINGLE PART CARD EDGE CONN, SOLDER 12 CONTACT(S), FEMALE, VERTICAL SINGLE PART CARD EDGE CONN, SOLDER 15 CONTACT(S), FEMALE, VERTICAL SINGLE PART CARD EDGE CONN, SOLDER 43 CONTACT(S), FEMALE, VERTICAL SINGLE PART CARD EDGE CONN, CARD EXTENDER 86 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CARD EXTENDER 96 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CARD EXTENDER 43 CONTACT(S), FEMALE, VERTICAL SINGLE PART CARD EDGE CONN, WIRE WRAP 86 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, WIRE WRAP 80 CONTACT(S), FEMALE, VERTICAL SINGLE PART CARD EDGE CONN, WIRE WRAP 40 CONTACT(S), FEMALE, VERTICAL SINGLE PART CARD EDGE CONN, WIRE WRAP 25 CONTACT(S), FEMALE, VERTICAL SINGLE PART CARD EDGE CONN, WIRE WRAP 120 CONTACT(S), FEMALE, VERTICAL SINGLE PART CARD EDGE CONN, WIRE WRAP 20 CONTACT(S), FEMALE, VERTICAL SINGLE PART CARD EDGE CONN, CARD EXTENDER
|
Vishay Intertechnology, Inc. VISHAY DALE
|
FSI-110-10-L-D-E-AD FSI-120-06-L-D-E-AD |
CONN INTERFACE ONE PC 1MM 20POS 20 CONTACT(S), MALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT CONN INTERFACE ONE PC 1MM 40POS 40 CONTACT(S), MALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT
|
Samtec, Inc. SAMTEC INC
|
SCDB1C0105 SCDB2A0200 |
Combine Type Connector (for SD Memory Card, MultiMediaCard垄芒, Memory Stick垄芒) Combine Type Connector (for SD Memory Card, MultiMediaCard? Memory Stick?
|
ALPS ELECTRIC CO.,LTD.
|
THNCFXXXMBA THNCF008MBA THNCF008MBAI THNCF016MBA T |
TENTATIVE - SMALL FORM FACTOR CARD The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
|
TOSHIBA[Toshiba Semiconductor]
|
503304-4210 503304-1610 503304-2010 503304-2610 50 |
0.4 B-TO-B CONN. HGT=0.7 W=2.6 REC. ASSY
|
Molex Electronics Ltd.
|
53780-3070 53780-1270 53780-1870 537803070 53780-2 |
1.25 W/B CONN WAFER ASSY FOR SMT
|
Molex Electronics Ltd. http://
|
CR7E-12DB-3.96DS CR7E-12DB-3.96E CR7E-20DB-3.96DS |
3.96mm and 4mm Pitch Card Edge Connector 三点九六毫米mm间距卡边缘连接器 30 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
|