PART |
Description |
Maker |
XAL7020-331ME XAL7020-152ME XAL7020-102ME XAL7020- |
High Temperature Shielded Power Inductors
|
Coilcraft lnc.
|
LED1200-35M32 |
Stem type LED with high output powe
|
List of Unclassifed Manufacturers
|
MS-PK94-02XA5 MS-PK94-03GA5 MS-PK94-03XA5 MS-PK94- |
FEP, high and low temperature and chemical agents resistant, shielded
|
SHIELD s.r.l.
|
67643-2911 0676432911 |
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, High- Temperature Black Nylon
|
Molex Electronics Ltd.
|
0676432991 |
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, High-Temperature Black Nylon, 0.76渭m (30渭") Gold (Au) Plating, PCB Thickness 1.60mm
|
Molex Electronics Ltd.
|
MRF160 |
POWE FIELD EFFECT TRANSISTOR
|
Advanced Semiconductor
|
1008PS-102KL 1008PS-104KL- 1008PS-103KL- 1008PS-68 |
Higher SRF than our other power inductors, High inductance with tight tolerance Shielded High SRF Inductors 1008PS Shielded High SRF Inductors 1008PS
|
Coilcraft lnc.
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
NV23107 NV2312CSDC10VN NV2312CSDC10VS NV2312ASDC10 |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc
|
MP3V5050V MP3V5050VC6T1 MP3V5050VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
Freescale Semiconductor, Inc
|
MPXV6115VC6U |
High Temperature Accuracy ntegrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|