PART |
Description |
Maker |
STM32F417ZG STM32F417IG STM32F415RG STM32F415XX ST |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator, HW crypto ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM
|
ST Microelectronics STMicroelectronics
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
LPC4076 |
(LPC407x / LPC408x) 32-bit ARM Cortex-M4 MCU
|
NXP Semiconductors
|
LPC1820FET100 |
32-bit ARM Cortex-M3 MCU??kB flash, 168kB SRAM, TFBGA100 package
|
NXP Semiconductors N.V.
|
STM32F101T6U6A VFQFPN36 LQFP48 LQFP64 STM32F101C6T |
Mainstream Access line, ARM Cortex-M3 MCU with 16 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces Mainstream Access line, ARM Cortex-M3 MCU with 32 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics ST Microelectronics
|
STM32F301K8 |
ARM Cortex-M4 32-bit MCU FPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ?3.6 V
|
STMicroelectronics
|
LPC4072FBD80 LPC4072FET80 LPC4074FBD144 LPC4074FBD |
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; EMC; SPIFI 32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
|
NXP Semiconductors
|
STM32F429NI STM32F429NIH6 STM32F429NEH6 STM32F429N |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 180 MHz CPU, Art Accelerator, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, SRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 180 MHz CPU, Art Accelerateur, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, TFT
|
ST Microelectronics
|
LPC1115JBD48 LPC1114FBD48 LPC1111FDH20 LPC1111JHN3 |
32-bit ARM Cortex-M0 microcontroller??4kB flash, 8kB SRAM, LQFP48 package 32-bit ARM Cortex-M0 microcontroller??2kB flash, 8kB SRAM, LQFP48 package 32-bit ARM Cortex-M0 microcontroller??kB flash, 2kB SRAM, TSSOP20 package 32-bit ARM Cortex-M0 microcontroller??kB flash, 4kB SRAM, HVQFN32 package 32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN33 package 32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN32 package
|
NXP Semiconductors N.V.
|
STM32L151C6U6 STM32L152C8T6 |
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
|
STMicroelectronics
|
STM32L041K4 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
|
STMicroelectronics
|
|