PART |
Description |
Maker |
STGP19NC60S GP19NC60S |
N-channel 600V - 20A - TO-220 Medium frequency PowerMESH IGBT
|
STMicroelectronics
|
W20NM60FD F20NM60D P20NM60FD STF20NM60D STP20NM60F |
N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STGP7NB60FD STGB7NB60FD STGB7NB60FDT4 |
N-CHANNEL 7A 600V TO-220/D2PAK POWERMESH IGBT N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT N沟道A - 600V 220 / D2PAK封装PowerMESHIGBT (STGP7NB60FD / STGB7NB60FD) N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT 14 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
STW20NM60 STP20NM60FP STB20NM60 STB20NM60-1 STB20N |
N-CHANNEL POWER MOSFET N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?Power MOSFET N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP2NC60 STP2NC60FP 7506 |
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220-TO-220FP POWERME N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh⑩II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB13NK60Z05 STP13NK60Z STP13NK60ZFP STW13NK60Z ST |
N-CHANNEL 600V-0.48ヘ-13A-TO-220/FP-D?/I?PAK-TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 600V-0.48Ω-13A-TO-220/FP-D2/I2PAK-TO-247 Zener-Protected SuperMESH?/a> MOSFET N-CHANNEL 600V-0.48Ω-13A-TO-220/FP-D2/I2PAK-TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 600V-0.48楼?-13A-TO-220/FP-D漏梅/I漏梅PAK-TO-247 Zener-Protected SuperMESH垄芒 MOSFET
|
STMicroelectronics
|
STW20NM60 |
N-CHANNEL Power MOSFET N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh?Power MOSFET N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh⑩Power MOSFET N-CHANNEL 600V - 0.26 OHM - 20A TO-247 MDMESH POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP12NM60N STF12NM60N STB12NM60N-1 STW12NM60N STB1 |
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.35楼? - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.35ヘ - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STP2HNC60FP STP2HNC60 |
N-CHANNEL 600V 4 OHM 2.2A TO-220/TO-220FP POWERMESH II MOSFET N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh⑩II MOSFET N-CHANNEL 600V 4 OHM 2.2A TO-220/TO-220FP POWERMESH II MOSFET N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|