PART |
Description |
Maker |
MAX5048BAUTTG16 |
7.6A, 12ns, SOT23/TDFN, MOSFET Driver
|
Maxim Integrated Products
|
MAX5048 MAX5048AAUT-T MAX5048BAUT-T |
GT 2C 2#4 SKT PLUG 7.6 A BUF OR INV BASED MOSFET DRIVER, PDSO6 MS/STANDARD CYLINDRICAL MIL-C-5015 TYPE CONNECTORS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14S SHELL SIZE, 14S-6 INSERT ARRANGEMENT, PLUG GENDER, 6 CONTACTS 7.6A, 12ns, SOT23 MOSFET Driver 7.6A 12ns SOT23 MOSFET Driver
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX8569B MAX8569A |
200mA Step-Up Converters in 6-Pin SOT23 and TDFN
|
Maxim
|
719-0401-01 719-0400-01 717-0501-01 |
200mA Step-Up Converters in 6-Pin SOT23 and TDFN STECKER EINBAU XLR AUDIO SCHWARZ 4POLIG Wide-Input 0.6V Shunt Regulators for Isolated DC-DC Converters STECKER EINBAU XLR音频POLIG
|
TE Connectivity, Ltd.
|
BAP64-06 |
Silicon PIN diode BAP64-06<SOT23 (SOT23)|<<http://www.nxp.com/packages/SOT23.html<1<week 34, 2003,;
|
NXP Semiconductors N.V.
|
2N700007 2N7000 2N7002 |
N-channel 60V - 1.8Ω - 0.35A - SOT23-3L / TO-92 STripFET?/a> Power MOSFET N-channel 60V - 1.8Ω - 0.35A - SOT23-3L / TO-92 STripFET Power MOSFET N-channel 60V - 1.8ヘ - 0.35A - SOT23-3L / TO-92 STripFET⑩ Power MOSFET
|
STMicroelectronics
|
STT3PF20V |
P-CHANNEL 20V - 0.14 OHM - 2.2A SOT23-6L 2.7-DRIVE STRIPFET II POWER MOSFET P-CHANNEL 20V - 0.14 ohm - 2.2A SOT23-6L 2.7-DRIVE STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAX1722 MAX1722EZK MAX1722EZK-T MAX1723 MAX1723EZK |
1.5uA IQ / Step-Up DC-DC Converters in Thin SOT23-5 " 1.5?A IQ, Step-Up DC-DC Converters in Thin SOT23-5" 1.5uA IQ Step-Up DC-DC Converters in Thin SOT23-5 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1 A SWITCHING REGULATOR, PDSO5 Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP 0 to 0 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5 1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ZXM41N0F |
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL D MOSFET
|
Zetex Semiconductors
|
ZXM41N0F |
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL D MOSFET
|
TY Semiconductor Co., Ltd
|