PART |
Description |
Maker |
M705-620046 |
DC Power Connector, 2mm Horizontal PC Tail Jack Socket, straight tails 2.5A, 2mm DIAMETER, DC POWER PLUG OR JACK
|
Harwin PLC
|
15-24-9245 15-24-9243 15-24-9043 |
Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit BMI RA Hdr Au V-2 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
SQT-109-01-L-S SQT-150-01-L-D SQT-105-03-L-D SQT-1 |
2MM SOCKET STRIPS 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT 2MM 100POS DL VERT PCB 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
IRLHS6342 IRLHS6342TR2PBF |
30V Single N-Channel HEXFET Power MOSFET in a 2mm X 2mm PQFN package
|
International Rectifier
|
IRFHS8242 |
25V Single N-Channel HEXFET Power MOSFET in a 2mm X 2mm PQFN package
|
International Rectifier
|
86094488613765E1LF 86093488613H45E1LF 860933286137 |
2mm Hard Metric Contacts and Accessories ( Z-PACK 2mm HM ); 2MM H.M.,B-19 SHROUD 4.9MM ( AMP ) DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2) 依据DIN反向插座(款式直角溢出DIN41612 - R 2
|
Glenair, Inc.
|
87981-3044 87985-3040 87982-3050 87985-3050 87985- |
MGrid Hdr Shr StrdlMnt /ML .38AuLF 44Ckt 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2mm MGrid IDT Rec /MtlLtc .38AuLF 40Ckt 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 2mm MGrid Hdr Shr Vt /ML .38AuLF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid IDT Rec /MtlLtc .38AuLF 50Ckt 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 2mm MGrid IDT Rec /MtlLtc .38AuLF 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 2mm MGrid Hdr Shr RA /ML .38AuLF 40Ckt 40 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid Hdr Shr Vt /ML .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
A3B-04PA-2DSA A3B-04PA-2DS A4B-04PA-2DSA A4B-04PA- |
2mm Pitch Miniature Connector
|
Hirose Electric
|
30453-1900 30453-2100 30453-0600 |
2mm Cable Holder Str V-0 19Ckt 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE TRAP 2mm Cable Holder Str V-0 21Ckt 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE TRAP 2mm Cable Holder Str V-0 6Ckt 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE TRAP
|
Molex, Inc.
|
FM4808C1N FM4808C22 FM4808C2N FM4808C21 FM4808C31 |
SPECIALTY ANALOG CIRCUIT, DMA7 2mm LOW PROFILE STRIPS FM48 FiltMod输入滤波器模 HEADER, RIGHT ANGLE 2mm QUAD ROW SHROUDED TERMINAL 2MM SOCKET STRIPS FM48 FiltMod Input Filter Module
|
Vicor, Corp. VICOR[Vicor Corporation]
|
|