PART |
Description |
Maker |
LT1207 LT1207CS |
From old datasheet system Dual 250mA/60MHz Current Feedback Amplifier
|
LINER[Linear Technology]
|
EL2232D |
Dual 60MHz Current Feedback Amplifiers
|
ELANTEC[Elantec Semiconductor]
|
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
HFA1130MJ_883 HFA1130ML_883 HFA1130883 HFA1130MJ/8 |
Output Clamping850MHz Current Feedback Amplifier OSCILLATOR 14.31818MHZ SMD Output Clamping, 850MHz Current Feedback Amplifier
|
INTERSIL[Intersil Corporation]
|
LT1210CR LT1210CS LT1210CT7 |
1.1A/ 35MHz Current Feedback Amplifier 1.1A, 35MHz Current Feedback Amplifier 9-Bit Bus Transceivers With 3-State Outputs 24-PDIP 0 to 70
|
Linear Technology Corporation
|
HA5025 HA5025IB HA5025IP FN3591 HA5025EVAL HA5340 |
Triple/ 125MHz Video Amplifier High Speed/ Low Distortion/ Precision Monolithic Sample and Hold Amplifier Quad/ 560MHz/ Low Power/ Video Operational Amplifier Quad/ 125MHz Video Current Feedback Amplifier Quad, 125MHz Video Current Feedback Amplifier Quad 125MHz Video Current Feedback Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
AM21L49-70LC AM21L49-70DC AM2149-70DC AM2149-70PC |
1.5A, 500kHz Step-Down Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5A, 500kHz Step-Down Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250mA/60MHz Current Feedback Amplifier; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM x4 SRAM x4的SRAM 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC TT electronics Semelab, Ltd. Glenair, Inc.
|
EL5364 EL5364IS EL5364IS-T13 EL5364IS-T7 EL5364IU |
600MHz Current Feedback Amplifiers with Enable 600MHz Current Feedback Amplifiers with Enable 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 600MHz Current Feedback Amplifiers with Enable 600MHz的电流反馈放大器,启 600MHz Current Feedback Amplifiers with Enable 1 CHANNEL, VIDEO AMPLIFIER, PDSO6
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
QD5C090-50 CJ5C090-50 CJ5C090-60 LD5C090-60 MD5C09 |
Rotary Switch; No. of Switch Positions:5; Circuitry:DPST; Contact Current Max:250mA; Contact Rating:250mA at 125VAC; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Flatted Actuator; Switch Function:DPST UV-Erasable/OTP PLD UV-Erasable/OTP可编程逻辑器件
|
TE Connectivity, Ltd.
|
MAX4182 MAX4180-MAX4187 MAX4180 MAX4181 MAX4183 MA |
Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown From old datasheet system " Dual, 270MHz, 1mA, SOT23, Current-Feedback Amplifier (Av=2)"
|
MAXIM - Dallas Semiconductor
|
HA3-5020-5 HA9P5020-5 HA-5020 HA7-5020883 HA4-5020 |
Op Amp, 100MHz, Video, Current Feedback, with Output Disable 100MHz Current Feedback Video Amplifier With Disable
|
INTERSIL[Intersil Corporation]
|