PART |
Description |
Maker |
LPHV001 LPHV004 |
LPHV POWR-SAFE FUSE HOLDERS
|
Littelfuse
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
TIM5964-45SL |
MICROWAVE POWR GaAs FET
|
Toshiba Semiconductor
|
BCX54-10 BCX54-16 BCX55-10 BCX55-16 BCX54 BCX56-16 |
Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229P 晶体管的SOT - 89 NPN medium power transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
JTD-ID |
JTD SERIES INDICATOR POWR-PRO FUSES
|
Littelfuse
|
CE45.1100.151 CE36.5100.151 CEG0.6100.151 CE20.610 |
CE POWER ENTRY MODULE W. FILTER 6A 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 4A; Terminal Type: Quick Connect Tabs; "Extra-Safe" fuse drawers; single element are already partial wired 4A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 1A; Terminal Type: Quick Connect Tabs; "Extra-Safe" fuse drawers; single element are already partial wired 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 2A; Terminal Type: Quick Connect Tabs; "Extra-Safe" fuse drawers; single element are already partial wired
|
SCHURTER AG SCHURTER INC
|
MAX3280 MAX3280E MAX3280EAUK-T MAX3281EAUT-T MAX32 |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD保护52Mbps的,3V.5V,SOT23封装的RS-485/RS-422真正的失效保护接收器 32-Bit Digital Signal Controller with Flash 100-BGA MICROSTAR -40 to 85 15kV ESD-Protected 52Mbps / 3V to 5.5V / SOT23 RS-485/RS-422 True Fail-Safe Receivers "?à15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers" ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers 【15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
390-18R-2C-2.75W 390-18R-2C-5.5W 390-18R-2C-8.25S |
MEDIUM BLOW ELECTRIC FUSE, 390A, 2750VAC, 1500A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 390A, 5500VAC, 1500A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 390A, 8250VAC, 1440A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 700A, 5500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 550A, 5500VAC, 2400A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 450A, 8250VAC, 1910A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 450A, 2750VAC, 1950A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 200A, 2750VAC, 760A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 150A, 5500VAC, 390A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 130A, 2750VAC, 340A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 150A, 8250VAC, 440A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 200A, 5500VAC, 760A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 100A, 8250VAC, 225A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 100A, 5500VAC, 250A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 230A, 2750VAC, 1000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 150A, 2750VAC, 390A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 450A, 5500VAC, 1950A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 170A, 2750VAC, 500A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 230A, 5500VAC, 1000A (IR), INLINE/HOLDER
|
HIROSE ELECTRIC Co., Ltd. Littelfuse, Inc. Microsemi, Corp.
|
|