PART |
Description |
Maker |
CY23EP09 CY23EP09SXC-1HT CY23EP09SXC-1T CY23EP09SX |
2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer(2.5V3.3V,10-220 MHz,低抖 9输出零延迟缓冲器) 2.5V3.3V0-220兆赫,低抖动输出零延迟缓冲器电压.5V3.3V10 - 220频率,低抖动输出零延迟缓冲器
|
Cypress Semiconductor Corp.
|
ICS83021I |
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR 2.5V3.3VDIFFERENTIAL-TO-LVCMOS/LVTTL译
|
Pericom Semiconductor, Corp.
|
EZ5Z3-S3.3 EZ5Z3-S3.3TR EZ5Z3-SADJ EZ5Z3-SADJTR EZ |
1A Voltage Regulator(输出电流1A ,5V输入.3V输出或可调输出稳压器) 1A稳压器(输出电流1A中,5V的输入到3.3V的输出或可调输出稳压器) 1A 5V to 3.3V or Adjustable Output EZ DROPPER A 5V.3V或可调输出易滴管 Analog IC 模拟IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3.3 V, PSFM3 TO-220, 3 PIN 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3.3 V, PDSO4 SOT-223, 4 PIN 1A 5V to 3.3V or Adjustable Output EZ DROPPER A 5V3.3V或可调输出易滴管
|
NXP Semiconductors N.V. Semtech, Corp. SEMTECH[Semtech Corporation]
|
IP1117L-33 IP1117L-18 |
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V LDO稳压器具有可调节和固定在1.8V.5V3.3V.0V LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V LDO稳压器具有可调节和固定在1.8V.5V.3V.0V
|
INTERPION SEMICONDUCTOR CO., LTD.
|
CAT1232LPGW CAT1232LPGZ CAT1232LPGZ-T13 CAT1232LPS |
1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 5V and 3.3V Supply Voltage Monitor and Reset Circuit 5V3.3V电源电压监控和复位电 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 0.150 INCH, SOIC-8 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 GREEN, MSOP-8 Miniature, 1W Isolated Regulated DC/DC Converters 12-SOP
|
ON SEMICONDUCTOR CATALYST[Catalyst Semiconductor]
|
CY37128VP84-154BAXC CY37384VP208-167BAXC CY37064VP |
5V, 3.3V, ISRTM High-Performance CPLDs 5V3.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 20 ns, PBGA256 5V, 3.3V, ISRTM High-Performance CPLDs FLASH PLD, 15 ns, PQFP160 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 15 ns, PBGA256 Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 108; Resistance tolerance (O): 800; Platen diameter (max.)(f): 14; Print speed (mm/s): 50 to 100; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 300; Print width (mm): 54.2; Resistance tolerance (O): 1000; Platen diameter (max.)(f): 18; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 203; Print width (mm): 104; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 203; Print width (mm): 80; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 203; Print width (mm): 56; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Ticket or Scale Printers; Resolutions (dpi): 203; Print width (mm): 168; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Ticket or Scale Printers; Resolutions (dpi): 203; Print width (mm): 80; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 72; Resistance tolerance (O): 800; Platen diameter (max.)(f): 20; Print speed (mm/s): 50 to 150; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 216; Resistance tolerance (O): 1000; Platen diameter (max.)(f): 20; Print speed (mm/s): 50 to 100; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 72; Resistance tolerance (O): 800; Platen diameter (max.)(f): 14; Print speed (mm/s): 50 to 100; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 54; Resistance tolerance (O): 800; Platen diameter (max.)(f): 14; Print speed (mm/s): 50 to 100; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 300; Print width (mm): 108.4; Resistance tolerance (O): 1000; Platen diameter (max.)(f): 18; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 300; Print width (mm): 81.3; Resistance tolerance (O): 1000; Platen diameter (max.)(f): 18; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Ticket or Scale Printers; Resolutions (dpi): 203; Print width (mm): 104; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 108; Resistance tolerance (O): 800; Platen diameter (max.)(f): 20; Print speed (mm/s): 50 to 150; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 54; Resistance tolerance (O): 800; Platen diameter (max.)(f): 20; Print speed (mm/s): 50 to 150; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 300; Print width (mm): 219.5; Resistance tolerance (O): 1250; Platen diameter (max.)(f): 20; Print speed (mm/s): 50 to 100; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Ticket or Scale Printers; Resolutions (dpi): 300; Print width (mm): 108.4; Resistance tolerance (O): 1000; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 28 Vdc, 7 A, Pin Plunger Actuator, Solder Termination, Military Part Number M8805/109-01 BATT SEALED LEAD ACID 12V 20AH BATTERY SEALED LEAD ACID 12V 3AH BATT SEALED LEAD ACID 12V 28AH ADAPTOR NUT/BOLT TO 0.250 TERM 2 #18 PVC FS PVC Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:26; No. Strands x Strand Size:40 x 30; Jacket Material:Polyethylene; Features:French Braid; Temperature Max:60 C; Voltage Nom.:300V; Shielding Coverage:0.95% RoHS Compliant: Yes OSCILLATORS 100PPM -40 85 3.3V 4 10.000MHZ TS HCMOS 2X2.5 4PAD SMD ; Capacitance:2.2pF; Capacitance Tolerance: /- 0.1 pF; Working Voltage, DC:500V; Package/Case:1210; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount MCF5282 LOW COST EVAL BO 91SS Series Hall-Effect Linear Position Sensor; Vdc supply voltage CONNECTOR ACCESSORY Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:7 x 24; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester LED Lamp; LED Color:Red/Green; Luminous Intensity:20ucd; Forward Current:20mA; Forward Voltage:2.1V; Color:Red/Green RoHS Compliant: Yes N/ENV STR RLF B/S SZ 12 CAD OD CAP 560PF 50V 5% NP0(C0G) SMD-0603 TR-7-PA CAP 68PF 50V 5% NP0(C0G) SMD-0603 TR-7-PA Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 33uF; Voltage: 16V; Case Size: 25x50 mm; Packaging: Bulk BK PRECISION DUAL OUTPUT ISOLATION TRANSFORMER, POWER REQUIREMENTS: 105-130 VAC, 60 HZ, OUTPUT POWER RATING: DIRECT: 500 VA CONTINUOUS, ISOLATED: 350 VA CONTINUOUS, 500 VA INTERMITTENT D52 - BACKSHELL NON-ENVIRON STRT MIL Multiple Conductor Wire; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester 0-20V, 0-50A High Power Switching Power Supply w/GPIB ADAPTER 8-GANG FOR BK845-ND V.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs V.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 12 ns, PQFP44 5V, 3.3V, ISRTM High-Performance CPLDs V3.3V,ISRTM高性能的CPLD Displays V.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 15 ns, PQFP208 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 12 ns, PQCC84 5V, 3.3V, ISRTM High-Performance CPLDs V.3V,ISRTM高性能CPLD 5V, 3.3V, ISRTM High-Performance CPLDs 5V.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 12 ns, PQCC44 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 10 ns, PQCC84 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 10 ns, CQFP160 TEST LEADS 5A V.3V,ISRTM高性能的CPLD THERMOCOUPLE PROBE-2945 V.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs
|
http:// Cypress Semiconductor Corp. Cypress Semiconductor, Corp. TE Connectivity, Ltd.
|
|