PART |
Description |
Maker |
HT68F30-1 |
Enhanced Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT66FU60A |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM and UART Interface
|
Holtek Semiconductor Inc
|
T89C51CC02CA-SISIM T89C51CC02UA-SISIM T89C51CC02UA |
Boot Code Section with Independent Lock Bits Enhanced 8-bit Microcontroller with CAN Controller and Flash Enhanced 8-bit Microcontroller with CAN Controller and Flash 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC28
|
ATMEL Corporation http:// Atmel, Corp.
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
PIC16F16-E/P PIC16F16-E/PQTP PIC16F16-E/PSQTP PIC1 |
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20
|
Microchip Technology
|
EP7312-CV EP731205 EP7312-CB-90 EP7312-IV-90 EP731 |
High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced IC ARM720T MCU 74MHZ 208-LQFP 32-BIT, FLASH, 74 MHz, RISC MICROCONTROLLER, PQFP208
|
Cirrus Logic, Inc.
|
AT89C51CC01UA-RLTUM AT89C51CC01SA-RLTUM T89C51CC01 |
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
PIC16F874A-E/L PIC16F874A-E/ML PIC16F874A-E/P PIC1 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin Enhanced FLASH Microcontrollers
|
Microchip
|
AT89C51AC206 AT89C51AC2 AT89C51AC2-RLTUM AT89C51AC |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
|
ATMEL[ATMEL Corporation]
|
T89C51AC2-RLTIM T89C51AC2-SLSIM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
|
Atmel Corp.
|
PIC16F84AT-04I_PQTP PIC16F84AT-04I_PROM PIC16F84AT |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash/EEPROM-based ... 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
|
Microchip Technology
|
PIC18F442 PIC18F442-E_P PIC18F452 PIC18LF452-I_P30 |
High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
|
MICROCHIP[Microchip Technology]
|