PART |
Description |
Maker |
IMS7 24IMS7-03-9 24IMS7-05-05-9 24IMS7-05-9 24IMS7 |
7 Watt DC-DC Converters Standard Metal Shell Nano Strip Connector CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 500 A nominal, ± 1200 amp range, 5000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, center pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn
|
http:// POWER-ONE[Power-One]
|
FS8108 |
Low Power Phase-Locked Loop IC Pager. Mouse. Multi-Channel system
|
List of Unclassifed Manufacturers N.A. ETC[ETC]
|
SKY77601 |
Multi-Mode, Multi-Band Power Amplifier Module for Next Generation GGE and HSPA Handsets
|
Skyworks Solutions Inc.
|
AS8S512K32AQ1-25L_Q AS8S512K32P-17L/IT AS8S512K32P |
512K X 32 MULTI DEVICE SRAM MODULE, 17 ns, CQFP68 512K X 32 MULTI DEVICE SRAM MODULE, 20 ns, CQFP68 512K X 32 MULTI DEVICE SRAM MODULE, 15 ns, CQFP68 512K X 32 MULTI DEVICE SRAM MODULE, 17 ns, CPGA66 PGA-66 512K x 32 SRAM SRAM MEMORY ARRAY
|
Micross Components Austin Semiconductor
|
CSNR161 CSNP661 CSNT651 CSNF161 |
(CSN Series) Closed Loop Current Sensors
|
Soild State Sensors
|
HLT31 HLT21 |
TAK-TY HOOK & LOOP CABLE TIES HLT SERIES
|
PANDUIT CORP.
|
2W-MOD2 |
2-Wire Loop Test/Maintenance Module
|
Systemsensor advanced ideas.
|
HC55120 HC55121 HC55130 HC55140 HC55142 |
SLIC, Low Power, 30mA Loop Current, Longitudinal Balance 53dB SLIC, Low Power, 30mA Loop Current, Polarity Reversal, Longitudinal Balance 53dB SLIC, Low Power, 45mA Loop Current, Longitudinal Balance 63dB SLIC, Low Power, 45mA Loop Current, Polarity Reversal, Gnd Start, Gnd Key, Line Volt Measurement, with Long Balance 63dB and Pulse Metering SLIC, Low Power, Operation of the UniSLIC 14 and IDT821064 Evaluation Module
|
Intersil
|
CYM1420PD-55C |
128K X 8 MULTI DEVICE SRAM MODULE, 55 ns, DMA32 MODULE, DIP-32
|
Cypress Semiconductor, Corp.
|
PUMA68SV32000BM-020 PUMA68SV32000BI-015 |
1M X 32 MULTI DEVICE SRAM MODULE, 20 ns, PQCC68 25.27 X 25.27 MM, 5.08 MM HEIGHT, PLASTIC, LCC-68 1M X 32 MULTI DEVICE SRAM MODULE, 15 ns, PQCC68
|
ST Microelectronics
|
CYM1851P8-25C CYM1851P8-20C CYM1851PZ-35C CYM1851 |
1,024K x 32 Static RAM Module 1M X 32 MULTI DEVICE SRAM MODULE, 15 ns, PZMA72 1,024K x 32 Static RAM Module 1M X 32 MULTI DEVICE SRAM MODULE, 15 ns, PSMA72 1,024K x 32 Static RAM Module 1M X 32 MULTI DEVICE SRAM MODULE, 20 ns, PSMA72 1,024K x 32 Static RAM Module 1M X 32 MULTI DEVICE SRAM MODULE, 35 ns, PSMA72 1,024K x 32 Static RAM Module 1M X 32 MULTI DEVICE SRAM MODULE, 12 ns, PSMA72 1,024K x 32 Static RAM Module 1M X 32 MULTI DEVICE SRAM MODULE, 12 ns, PZMA72 1,024K x 32 Static RAM Module 1M X 32 MULTI DEVICE SRAM MODULE, 25 ns, PSMA72 1,024K x 32 Static RAM Module 1M X 32 MULTI DEVICE SRAM MODULE, 25 ns, PZMA72 1024K x 32 Static RAM Module
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CYM1846V33PZ-35C CYM1846V33 CYM1846V33P8-12C CYM18 |
Memory 内存 512K x 32 3.3V Static RAM Module 512K X 32 MULTI DEVICE SRAM MODULE, 25 ns, PZMA72 512K x 32 3.3V Static RAM Module 512K X 32 MULTI DEVICE SRAM MODULE, 25 ns, PSMA72 512K x 32 3.3V Static RAM Module 512K X 32 MULTI DEVICE SRAM MODULE, 12 ns, PSMA72 512K x 32 3.3V Static RAM Module 512K X 32 MULTI DEVICE SRAM MODULE, 12 ns, PZMA72 512K x 32 3.3V Static RAM Module 512K X 32 MULTI DEVICE SRAM MODULE, 20 ns, PSMA72 512K x 32 3.3V Static RAM Module 512K X 32 MULTI DEVICE SRAM MODULE, 15 ns, PZMA72
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
|