PART |
Description |
Maker |
CX20873 |
Full duplex stereo I2S/PCM
|
Conexant Systems, Inc
|
MC14406 MC14407 |
(MC14406 / MC14407) FULL DUPLEX 8-BIT COMPANDED PCM CODEC
|
Motorola
|
TFA9812 TFA9812HN |
BTL stereo Class-D audio amplifier with I2S input
|
NXP Semiconductors
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
ISL4491EIB-T ISL4489EIB ISL4489EIB-T ISL4489EIBZ I |
15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
MN864602 |
Full Duplex AV Controller
|
Panasonic
|
SP491CN-L |
Full Duplex RS-485 Transceivers
|
Exar Corporation
|
SP490 SP490CN SP490CN_TR SP490CS SP490EN SP491CN_T |
Full Duplex RS-485 Transceivers
|
Exar Corporation
|
CS6422-ISZ CDB6422 CS6422 CS6422-CS CS6422-CSZ CS6 |
Enhanced Full-Duplex Speakerphone IC
|
CIRRUS[Cirrus Logic]
|
SP490E SP490ECN SP490ECP SP490EEN SP490EEP SP491E |
Enhanced Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
SP491EEN-L |
Enhanced Full Duplex RS-485 Transceivers
|
Exar Corporation
|
ADM2582E ADM2587E |
2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (16Mbps) 2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (500kbps)
|
Analog Devices
|