PART |
Description |
Maker |
607-1112-130F 607-3132-340F 607-3132-130F 607-3132 |
LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability LED Lamp; Color:Green; Luminous Intensity (MSCP):50mcd; Voltage Rating:6V; Forward Current:15mA; Forward Voltage:6V; LED Color:Green; Leaded Process Compatible:Yes; Lens Style:(H x Dia) 27.69 x 8.38 mm; Lens Width:7.37mm LED Lamp; Color:Red; Luminous Intensity (MSCP):22mcd; Voltage Rating:6V; Forward Current:15mA; Forward Voltage:6V; LED Color:Red; Leaded Process Compatible:Yes; Lens Style:(H x Dia) 27.69 x 8.38 mm; Lens Width:7.37mm LED INDICATOR, PROM 6VDC YELLOWLED INDICATOR, PROM 6VDC YELLOW; Colour, LED:Yellow; Current, forward If:15mA; Depth, LED segment:4.07mm; Depth, external:22.10mm; Diameter, External:8.13mm; Diameter, fixing hole:7mm; Diameter, LED Lamp; Color:Yellow; Luminous Intensity (MSCP):66mcd; Voltage Rating:6V; Forward Current:15mA; Forward Voltage:6V; LED Color:Yellow; Leaded Process Compatible:Yes; Lens Style:(H x Dia) 27.69 x 8.38 mm; Lens Width:7.37mm
|
Dialight Corporation
|
LPX101M400A3P3 |
High Voltage, High Value Radial Leaded Snap-In
|
Cornell Dubilier Electr...
|
LPX681M250E5P3 |
High Voltage, High Value Radial Leaded Snap-In
|
Cornell Dubilier Electr...
|
LOB1-R0523FI LOB1-R0221FI LOB1-R022JI LOB1-R00562F |
RESISTOR, 1 W, 1 %, 0.0523 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0221 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.022 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00562 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00604 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0062 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.01 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0147 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00523 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0232 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0332 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00576 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0059 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00649 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0051 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00698 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0068 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00511 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0422 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.047 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.033 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0237 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.01 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0133 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0226 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00665 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0357 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00549 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.005 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00634 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.005 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00619 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0475 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00681 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
Welwyn Components, Ltd.
|
AQV202 AQV202A AQV103 AQV103A AQV101 AQV101A AQV20 |
PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 150 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side.. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 500 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 180 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 300 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 600 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 700 mA. Tape and reel packing style. picked from the 1/2/3-pin side. ER 17C 17#16 PIN RECP ER 8C 8#16 PIN RECP WALL ER 17C 17#16 SKT RECP ER 14C 14#16 SKT RECP WALL ER 2C 2#8 SKT RECP WALL HF (High Function) Type [1-Channel (Form A) Type] PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 700 mA. Tape and reel packing style. picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 600 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 180 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 300 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 500 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 200 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 200 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 150 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Nais(Matsushita Electri... ETC[ETC] NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
R2000F R1200F R1500F |
0.2/0.5A Axial Leaded High Voltage Rectifier
|
SUNMATE electronic Co.,...
|
HV07-08 HV07-09 HV07-10 HV07-12 HV07-14 HV07-15 HV |
LEADED (THRU-HOLE) High Voltage Rectifiers
|
RFE international
|
LPX122M160C4P3 LPX181M450C4P3 LPX271M400C4P3 LPX33 |
85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In 85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In 85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In 85 垄陋C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
|
Cornell Dubilier Electronics Cornell Dubilier Electr...
|
W158HVX-1 |
158 Series - High Voltage, Open Style Relay
|
List of Unclassifed Man...
|
HVR50 HVR40 HVR25 |
High Voltage / Thick Film Leaded Resistors
|
Riedon Powertron
|
EL7566DREZ-T7 EL7566DREZ-T13 EL7566DRE-T7 EL7566AI |
Monolithic 6 Amp DC-DC Step-Down Regulator EB Melody & Chime Series; Mounting Style: Panel mount; Functions: Alarm; Rated Voltage: 120V AC; Style: Box style; Color: Beige Enclosure; Diameter: 133mm square; Applicable Model: EB
|
INTERSIL[Intersil Corporation]
|
|